Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 81Page - Cypress Semiconductor BCM4354 Datasheet HTML 82Page - Cypress Semiconductor BCM4354 Datasheet HTML 83Page - Cypress Semiconductor BCM4354 Datasheet HTML 84Page - Cypress Semiconductor BCM4354 Datasheet HTML 85Page - Cypress Semiconductor BCM4354 Datasheet HTML 86Page - Cypress Semiconductor BCM4354 Datasheet HTML 87Page - Cypress Semiconductor BCM4354 Datasheet HTML 88Page - Cypress Semiconductor BCM4354 Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 85 of 165
CYW4354
Bluetooth PCM
179
BT_PCM_CLK
I/O
PCM clock; can be master (output) or slave (input)
173
BT_PCM_IN
I
PCM data input
177
BT_PCM_OUT
O
PCM data output
163
BT_PCM_SYNC
I/O
PCM sync; can be master (output) or slave (input).
Bluetooth USB Interface
164
BT_USB_DN
I/O
USB (Host) data negative. Negative terminal of the USB trans-
ceiver.
169
BT_USB_DP
I/O
USB (Host) data positive. Positive terminal of the USB trans-
ceiver.
Bluetooth UART
172
BT_UART_CTS_L
I
UART clear-to-send. Active-low clear-to-send signal for the HCI
UART interface.
178
BT_UART_RTS_L
O
UART request-to-send. Active-low request-to-send signal for
the HCI UART interface. BT LED control pin.
162
BT_UART_RXD
I
UART serial input. Serial data input for the HCI UART interface.
157
BT_UART_TXD
O
UART serial output. Serial data output for the HCI UART
interface.
Bluetooth/FM I2S
167
BT_I2S_CLK
I/O
I2S clock, can be master (output) or slave (input).
171
BT_I2S_DO
I/O
I2S data output
156
BT_I2S_DI
I/O
I2S data input
158
BT_I2S_WS
I/O
I2S WS; can be master (output) or slave (input).
Bluetooth GPIOs
155
BT_GPIO_2
I/O
Bluetooth general-purpose I/O
154
BT_GPIO_3
I/O
Bluetooth general-purpose I/O
168
BT_GPIO_4
I/O
Bluetooth general-purpose I/O
153
BT_GPIO_5
I/O
Bluetooth general-purpose I/O
Miscellaneous
319
WL_REG_ON
I
Used by PMU to power up or power down the internal CYW4354
regulators used by the WLAN section. Also, when deasserted,
this pin holds the WLAN section in reset. This pin has an internal
200 kΩ pull-down resistor that is enabled by default. It can be
disabled through programming.
320
BT_REG_ON
I
Used by PMU to power up or power down the internal CYW4354
regulators used by the Bluetooth/FM section. Also, when
deasserted, this pin holds the Bluetooth/FM section in reset.
This pin has an internal 200 kΩ pull-down resistor that is enabled
by default. It can be disabled through programming.
176
BT_DEV_WAKE
I/O
Bluetooth DEV_WAKE
170
BT_HOST_WAKE
I/O
Bluetooth HOST_WAKE
Table 22. WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com