Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 59Page - Cypress Semiconductor BCM4354 Datasheet HTML 60Page - Cypress Semiconductor BCM4354 Datasheet HTML 61Page - Cypress Semiconductor BCM4354 Datasheet HTML 62Page - Cypress Semiconductor BCM4354 Datasheet HTML 63Page - Cypress Semiconductor BCM4354 Datasheet HTML 64Page - Cypress Semiconductor BCM4354 Datasheet HTML 65Page - Cypress Semiconductor BCM4354 Datasheet HTML 66Page - Cypress Semiconductor BCM4354 Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 63 of 165
CYW4354
13. Pinout and Signal Descriptions
13.1 Ball Maps
Figure 33 and Figure 34 on page 64 show the WLBGA ball map.
Figure 33. WLBGA Ball Map, 4.87 mm × 7.67 mm Array, 192-Ball, A1–V6 (Bottom View—Balls Facing Up)
65
4
3
2
1
HSIC_DATA
PCIE_REFCLKN
PCIE_REFCLKP
PCIE_TDN
PCIE_TDP
A
HSIC_AGND12PLL
PCIE_PLL_AVSS
PCIE_RXTX_AVSS
PCIE_PLL
_AVDD1P2
PCIE_RXTX
_AVDD1P2
PCIE_RDN
B
HSIC_DVDD12
PCIE_PME_L
PCIE_PERST_L
PCIE_TESTP
PCIE_TESTN
PCIE_RDP
C
VSSC
PCIE_CLKREQ_L
VDDC
VSSC
D
GPIO_9
BT_USB_DN
BT_VDDC
FM_AUDIOVDD1P2
FM_AOUT1
E
LPO_IN
BT_USB_DP
CLK_REQ
FM_PLLVDD1P2
FM_AUDIOVSS
FM_AOUT2
F
BT_I2S_DO
BT_I2S_DI
VSSC
FM_PLLVSS
FM_VCOVSS
FM_LNAVCOVDD1P2
G
BT_UART_RXD
BT_PCM_OUT
BT_VDDC
FM_LNAVSS
FM_RFIN
H
BT_I2S_CLK
BT_UART_TXD
BT_PCM_IN
BT_HOST_WAKE
BT_VCOVSS
BT_VCOVDD1P2
J
BT_PCM_SYNC
BT_UART_RTS_L
BT_GPIO_4
BT_IFVDD1P2
BT_PLLVDD1P2
BT_LNAVDD1P2
K
BT_I2S_WS
BT_UART_CTS_L
BT_DEV_WAKE
BT_PLLVSS
BT_PAVSS
BT_RF
L
BT_PCM_CLK
BT_VDDC
VSSC
BT_IFVSS
BT_PAVDD2P5
M
RF_SW_CTRL_4
WRF_RX2G
_GND1P2_CORE0
WRF_LNA_2G
_GND1P2_CORE0
WRF_RFIN
_2G_CORE0
N
RF_SW_CTRL_6
WRF_AFE
_GND1P2_CORE0
WRF_TX
_GND1P2_CORE0
WRF_PA2G_VBAT
_GND3P3_CORE0
WRF_RFOUT
_2G_CORE0
P
WRF_LOGEN
_GND1P2
WRF_LOGENG
_GND1P2
WRF_GPIO
_OUT_CORE0
WRF_PADRV_VBAT
_VDD3P3_CORE0
WRF_PA2G_VBAT
_GND3P3_CORE0
WRF_PA2G_VBAT
_VDD3P3_CORE0
R
WRF_MMD
_GND1P2
WRF_MMD
_VDD1P2
WRF_PFD
_VDD1P2
WRF_PADRV_VBAT
_GND3P3_CORE0
WRF_PA5G_VBAT
_GND3P3_CORE0
WRF_PA5G_VBAT
_VDD3P3_CORE0
T
WRF_VCO
_GND1P2
WRF_PFD
_GND1P2
WRF_BUCK
_VDD1P5
CORE0
WRF_TSSI_A
_CORE0
WRF_PA5G_VBAT
_GND3P3_CORE0
WRF_RFOUT
_5G_CORE0
U
WRF_SYNTH
_VBAT_VDD3P3
WRF_CP
_GND1P2
WRF_BUCK
_GND1P5_CORE0
WRF_RX5G
_GND1P2_CORE0
WRF_LNA_5G
_GND1P2_CORE0
WRF_RFIN
_5G_CORE0
V
65
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com