Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 82Page - Cypress Semiconductor BCM4354 Datasheet HTML 83Page - Cypress Semiconductor BCM4354 Datasheet HTML 84Page - Cypress Semiconductor BCM4354 Datasheet HTML 85Page - Cypress Semiconductor BCM4354 Datasheet HTML 86Page - Cypress Semiconductor BCM4354 Datasheet HTML 87Page - Cypress Semiconductor BCM4354 Datasheet HTML 88Page - Cypress Semiconductor BCM4354 Datasheet HTML 89Page - Cypress Semiconductor BCM4354 Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 86 of 165
CYW4354
Integrated Voltage Regulators
340
SR_VDDBATA5V
I
Quiet VBAT
348
SR_VDDBATP5V
I
Power VBAT
336
SR_VLX
O
CBuck switching regulator output. Refer to Table 44 on page 132
for details of the inductor and capacitor required on this output.
342
LDO_VDD1P5
I
LNLDO input
327
LDO_VDDBAT5V
I
LDO VBAT.
249
WRF_XTAL_VDD1P5
I
XTAL LDO input (1.35V)
254
WRF_XTAL_VDD1P2
O
XTAL LDO output (1.2V)
351
VOUT_LNLDO
O
Output of LNLDO
341
VOUT_CLDO
O
Output of core LDO
362
VOUT_BTLDO2P5
O
Output of BT LDO
346
VOUT_LDO3P3_B
O
Output of 3.3V LDO
324
VOUT_3P3
O
LDO 3.3V output
330
VOUT_3P3_SENSE
O
Voltage sense pin for LDO 3.3V output
Bluetooth Supplies
46
BT_PAVDD2P5
PWR
Bluetooth PA power supply
44
BT_LNAVDD1P2
PWR
Bluetooth LNA power supply
42
BT_IFVDD1P2
PWR
Bluetooth IF block power supply
47
BT_PLLVDD1P2
PWR
Bluetooth RF PLL power supply
50
BT_VCOVDD1P2
PWR
Bluetooth RF power supply
148, 149,
150,151
BT_VDDIO
PWR
Core supply
FM Transceiver Supplies
–
FM_LNAVCOVDD1P2
PWR
FM LNA and VCO 1.2V power supply
62
FM_LNAVDD1P2
PWR
FM LNA 1.2V power supply
64
FM_VCOVDD1P2
PWR
FM VCO 1.2V power supply
59
FM_PLLVDD1P2
PWR
FM PLL 1.2V power supply
52
FM_AUDIOVDD1P2
PWR
FM AUDIO power supply
WLAN Supplies
277
WRF_BUCK_VDD1P5_CORE0
PWR
Internal capacitor-less CORE0 LDO supply
296
WRF_BUCK_VDD1P5_CORE1
PWR
Internal capacitor-less CORE1 LDO supply
262
WRF_SYNTH_VBAT_VDD3P3
PWR
Synth VDD 3.3V supply
289
WRF_PADRV_VBAT_VDD3P3_CORE0
PWR
CORE0 PA Driver VBAT supply
264
WRF_PADRV_VBAT_VDD3P3_CORE1
PWR
CORE1 PA Driver VBAT supply
269
WRF_PA5G_VBAT_VDD3P3_CORE0
PWR
5 GHz CORE0 PA 3.3V VBAT supply
266
WRF_PA5G_VBAT_VDD3P3_CORE1
PWR
5 GHz CORE1 PA 3.3V VBAT supply
305
WRF_PA2G_VBAT_VDD3P3_CORE0
PWR
2 GHz CORE0 PA 3.3V VBAT supply
285
WRF_PA2G_VBAT_VDD3P3_CORE1
PWR
2 GHz CORE1 PA 3.3V VBAT supply
270
WRF_MMD_VDD1P2
PWR
1.2V supply
Table 22. WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com