Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 88Page - Cypress Semiconductor BCM4354 Datasheet HTML 89Page - Cypress Semiconductor BCM4354 Datasheet HTML 90Page - Cypress Semiconductor BCM4354 Datasheet HTML 91Page - Cypress Semiconductor BCM4354 Datasheet HTML 92Page - Cypress Semiconductor BCM4354 Datasheet HTML 93Page - Cypress Semiconductor BCM4354 Datasheet HTML 94Page - Cypress Semiconductor BCM4354 Datasheet HTML 95Page - Cypress Semiconductor BCM4354 Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 92 of 165
CYW4354
M6
BT_PCM_CLK
I/O
PCM clock; can be master (output) or slave (input)
J4
BT_PCM_IN
I
PCM data input
H4
BT_PCM_OUT
O
PCM data output
K6
BT_PCM_SYNC
I/O
PCM sync; can be master (output) or slave (input).
Bluetooth USB Interface
E5
BT_USB_DN
I/O
USB (Host) data negative. Negative terminal of the USB trans-
ceiver.
F5
BT_USB_DP
I/O
USB (Host) data positive. Positive terminal of the USB trans-
ceiver.
Bluetooth UART
L5
BT_UART_CTS_L
I
UART clear-to-send. Active-low clear-to-send signal for the HCI
UART interface.
K5
BT_UART_RTS_L
O
UART request-to-send. Active-low request-to-send signal for
the HCI UART interface. BT LED control pin.
H5
BT_UART_RXD
I
UART serial input. Serial data input for the HCI UART interface.
J5
BT_UART_TXD
O
UART serial output. Serial data output for the HCI UART
interface.
Bluetooth/FM I2S
J6
BT_I2S_CLK
I/O
I2S clock, can be master (output) or slave (input).
G6
BT_I2S_DO
I/O
I2S data output
G5
BT_I2S_DI
I/O
I2S data input
L6
BT_I2S_WS
I/O
I2S WS; can be master (output) or slave (input).
Bluetooth GPIO
–
BT_GPIO_2
I/O
Bluetooth general-purpose I/O
–
BT_GPIO_3
I/O
Bluetooth general-purpose I/O
K4
BT_GPIO_4
I/O
Bluetooth general-purpose I/O
–
BT_GPIO_5
I/O
Bluetooth general-purpose I/O
Miscellaneous
A10
WL_REG_ON
I
Used by PMU to power up or power down the internal CYW4354
regulators used by the WLAN section. Also, when deasserted,
this pin holds the WLAN section in reset. This pin has an internal
200 kΩ pull-down resistor that is enabled by default. It can be
disabled through programming.
D10
BT_REG_ON
I
Used by PMU to power up or power down the internal CYW4354
regulators used by the Bluetooth/FM section. Also, when
deasserted, this pin holds the Bluetooth/FM section in reset.
This pin has an internal 200 kΩ pull-down resistor that is
enabled by default. It can be disabled through programming.
L4
BT_DEV_WAKE
I/O
Bluetooth DEV_WAKE
J3
BT_HOST_WAKE
I/O
Bluetooth HOST_WAKE
Table 23. WLBGA Signal Descriptions
Ball#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com