Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor BCM4354 Datasheet HTML 18Page - Cypress Semiconductor BCM4354 Datasheet HTML 19Page - Cypress Semiconductor BCM4354 Datasheet HTML 20Page - Cypress Semiconductor BCM4354 Datasheet HTML 21Page - Cypress Semiconductor BCM4354 Datasheet HTML 22Page - Cypress Semiconductor BCM4354 Datasheet HTML 23Page - Cypress Semiconductor BCM4354 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 20 of 165
CYW4354
4.2.5 Receiver
The receiver path uses a low-IF scheme to downconvert the received signal for demodulation in the digital demodulator and bit
synchronizer. The receiver path provides a high degree of linearity, an extended dynamic range, and high-order on-chip channel
filtering to ensure reliable operation in the noisy 2.4 GHz ISM band. The front-end topology with built-in out-of-band attenuation
enables the CYW4354 to be used in most applications with minimal off-chip filtering. For integrated handset operation, in which the
Bluetooth function is integrated close to the cellular transmitter, external filtering is required to eliminate the desensitization of the
receiver by the cellular transmit signal.
4.2.6 Digital Demodulator and Bit Synchronizer
The digital demodulator and bit synchronizer take the low-IF received signal and perform an optimal frequency tracking and bit
synchronization algorithm.
4.2.7 Receiver Signal Strength Indicator
The radio portion of the CYW4354 provides a Receiver Signal Strength Indicator (RSSI) signal to the baseband, so that the controller
can take part in a Bluetooth power-controlled link by providing a metric of its own receiver signal strength to determine whether the
transmitter should increase or decrease its output power.
4.2.8 Local Oscillator Generation
Local Oscillator (LO) generation provides fast frequency hopping (1600 hops/second) across the 79 maximum available channels.
The LO generation subblock employs an architecture for high immunity to LO pulling during PA operation. The CYW4354 uses an
internal RF and IF loop filter.
4.2.9 Calibration
The CYW4354 radio transceiver features an automated calibration scheme that is fully self contained in the radio. No user interaction
is required during normal operation or during manufacturing to provide the optimal performance. Calibration optimizes the perfor-
mance of all the major blocks within the radio to within 2% of optimal conditions, including gain and phase characteristics of filters,
matching between key components, and key gain blocks. This takes into account process variation and temperature variation.
Calibration occurs transparently during normal operation during the settling time of the hops and calibrates for temperature variations
as the device cools and heats during normal operation in its environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com