Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 1 Page - Cypress Semiconductor

  BCM4354 Datasheet HTML 1Page - Cypress Semiconductor BCM4354 Datasheet HTML 2Page - Cypress Semiconductor BCM4354 Datasheet HTML 3Page - Cypress Semiconductor BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 165 page
background image
CYW4354
Single-Chip 5G Wi-Fi IEEE 802.11ac 2×2 MAC/Baseband/Radio
with Integrated Bluetooth 4.1 and FM Receiver
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-14809 Rev. *J
Revised Wednesday, September 28, 2016
The Cypress CYW4354 is a complete dual–band (2.4 GHz and 5 GHz) 5G Wi–Fi 2 × 2 MIMO® MAC/PHY/Radio System–on–a–Chip.
This Wi–Fi single–chip device provides a high level of integration with dual–stream IEEE 802.11ac MAC/baseband/radio, Bluetooth
4.1, and FM radio receiver. In IEEE 802.11ac mode, the WLAN operation supports rates of MCS0–MCS9 (up to 256 QAM) in 20 MHz,
40 MHz, and 80 MHz channels for data rates up to 867 Mbps. In addition, all the rates specified in IEEE 802.11a/b/g/n are supported.
Included on–chip are 2.4 GHz and 5 GHz transmit power amplifiers and receive low noise amplifiers.
For the WLAN section, several alternative host interface options are included: an SDIO v3.0 interface that can operate in 4b or 1b
modes, a high-speed inter-chip (HSIC) interface, and a PCIe v3.0 compliant interface running at Gen1 speeds. For the Bluetooth
section, host interface options of a high-speed 4-wire UART and USB 2.0 full-speed (12 Mbps) are provided.
The CYW4354 uses advanced design techniques and process technology to reduce active and idle power, and includes an embedded
power management unit that simplifies the system power topology.
In addition, the CYW4354 implements highly sophisticated enhanced collaborative coexistence hardware mechanisms and algorithms
that ensure that WLAN and Bluetooth collaboration is optimized for maximum performance. Coexistence support for external radios
(such as LTE cellular and GPS) is provided via an external interface. As a result, enhanced overall quality for simultaneous voice,
video, and data transmission on a handheld system is achieved.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Broadcom to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Broadcom Part Number
Cypress Part Number
BCM4354
CYW4354
BCM4354XKUBG
CYW4354XKUBG
BCM4354XKWBG
CYW4354XKWBG
BCM4354ZKUBG
CYW4354ZKUBG


Similar Part No. - BCM4354

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results

Similar Description - BCM4354

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com