Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 9Page - Cypress Semiconductor BCM4354 Datasheet HTML 10Page - Cypress Semiconductor BCM4354 Datasheet HTML 11Page - Cypress Semiconductor BCM4354 Datasheet HTML 12Page - Cypress Semiconductor BCM4354 Datasheet HTML 13Page - Cypress Semiconductor BCM4354 Datasheet HTML 14Page - Cypress Semiconductor BCM4354 Datasheet HTML 15Page - Cypress Semiconductor BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 13 of 165
CYW4354
2.5 Power-Off Shutdown
The CYW4354 provides a low-power shutdown feature that allows the device to be turned off while the host, and any other devices
in the system, remain operational. When the CYW4354 is not needed in the system, VDDIO_RF and VDDC are shut down while
VDDIO remains powered. This allows the CYW4354 to be effectively off while keeping the I/O pins powered so that they do not draw
extra current from any other devices connected to the I/O.
During a low-power shut-down state, provided VDDIO remains applied to the CYW4354, all outputs are tristated, and most inputs
signals are disabled. Input voltages must remain within the limits defined for normal operation. This is done to prevent current paths
or create loading on any digital signals in the system, and enables the CYW4354 to be fully integrated in an embedded device and
take full advantage of the lowest power-savings modes.
When the CYW4354 is powered on from this state, it is the same as a normal power-up and the device does not retain any information
about its state from before it was powered down.
2.6 Power-Up/Power-Down/Reset Circuits
The CYW4354 has two signals (see Table 3) that enable or disable the Bluetooth and WLAN circuits and the internal regulator blocks,
allowing the host to control power consumption. For timing diagrams of these signals and the required power-up sequences, see
Power-Up Sequence and Timing on page 153.
Table 3. Power-Up/Power-Down/Reset Control Signals
Signal
Description
WL_REG_ON
This signal is used by the PMU (with BT_REG_ON) to power up the WLAN section. It is also OR-gated with the
BT_REG_ON input to control the internal CYW4354 regulators. When this pin is high, the regulators are enabled
and the WLAN section is out of reset. When this pin is low, the WLAN section is in reset. If BT_REG_ON and
WL_REG_ON are both low, the regulators are disabled. This pin has an internal 200 kΩ pull-down resistor that is
enabled by default. It can be disabled through programming.
BT_REG_ON
This signal is used by the PMU (with WL_REG_ON) to decide whether or not to power down the internal CYW4354
regulators. If BT_REG_ON and WL_REG_ON are low, the regulators will be disabled. This pin has an internal
200 kΩ pull-down resistor that is enabled by default. It can be disabled through programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com