Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 3 Page - Cypress Semiconductor

  PSOC4100 Datasheet HTML 1Page - Cypress Semiconductor PSOC4100 Datasheet HTML 2Page - Cypress Semiconductor PSOC4100 Datasheet HTML 3Page - Cypress Semiconductor PSOC4100 Datasheet HTML 4Page - Cypress Semiconductor PSOC4100 Datasheet HTML 5Page - Cypress Semiconductor PSOC4100 Datasheet HTML 6Page - Cypress Semiconductor PSOC4100 Datasheet HTML 7Page - Cypress Semiconductor PSOC4100 Datasheet HTML 8Page - Cypress Semiconductor PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 3 of 37
Block Diagram
Functional Description
PSoC 4100 devices include extensive support for programming,
testing, debugging, and tracing both hardware and firmware.
The ARM Serial_Wire Debug (SWD) interface supports all
programming and debug features of the device.
Complete debug-on-chip functionality enables full device
debugging in the final system using the standard production
device. It does not require special interfaces, debugging pods,
simulators, or emulators. Only the standard programming
connections are required to fully support debug.
The PSoC Creator Integrated Development Environment (IDE)
provides fully integrated programming and debug support for
PSoC 4100 devices. The SWD interface is fully compatible with
industry standard third party tools. With the ability to disable
debug features, with very robust flash protection, and by allowing
customer-proprietary functionality to be implemented in on-chip
programmable blocks, the PSoC 4100 family provides a level of
security not possible with multi-chip application solutions or with
microcontrollers.
The debug circuits are enabled by default and can only be
disabled in firmware. If not enabled, the only way to re-enable
them is to erase the entire device, clear flash protection, and
reprogram the device with new firmware that enables debugging.
Additionally, all device interfaces can be permanently disabled
(device security) for applications concerned about phishing
attacks due to a maliciously reprogrammed device or attempts to
defeat security by starting and interrupting flash programming
sequences. Because all programming, debug, and test
interfaces are disabled when maximum device security is
enabled, PSoC 4100 with device security enabled may not be
returned for failure analysis. This is a trade-off the PSoC 4100
allows the customer to make.
PSoC 4100
32-bit
AHB-Lite
CPU Subsystem
SRAM
Up to 4 kB
SRAM Controller
ROM
4 kB
ROM Controller
FLASH
Up to 32 kB
Read Accelerator
Deep Sleep
Hibernate
Active/Sleep
SW D
NVIC, IRQM X
Cortex
M0
24 M Hz
FAST M UL
System Interconnect (Single Layer AHB)
I/O S ubsystem
24x G P IO s
Peripherals
System Resources
Power
Clock
WDT
ILO
Reset
Clock Control
DFT Logic
Test
IM O
DFT Analog
Sleep Control
PW RSYS
REF
POR
LVD
NVLatches
BOD
WIC
Reset Control
XRES
Peripheral Interconnect (M M IO)
PCLK
Port Interface & Digital System Interconnect (DSI)
Power M odes
CTBm
SMX
SAR ADC
(12-bit)
x1
Program m able
Analog
x1
1x OpAm p
High Speed I/O M atrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com