Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 5Page - Cypress Semiconductor PSOC4100 Datasheet HTML 6Page - Cypress Semiconductor PSOC4100 Datasheet HTML 7Page - Cypress Semiconductor PSOC4100 Datasheet HTML 8Page - Cypress Semiconductor PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor PSOC4100 Datasheet HTML 10Page - Cypress Semiconductor PSOC4100 Datasheet HTML 11Page - Cypress Semiconductor PSOC4100 Datasheet HTML 12Page - Cypress Semiconductor PSOC4100 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 9 of 37
VDDA
: Analog VDD pin where package pins allow; shorted to VDDD otherwise.
VSSA:
Analog ground pin where package pins allow; shorted to VSS otherwise
VSS
: Ground pin.
VCCD
: Regulated Digital supply (1.8 V ±5%).
Port Pins can all be used as LCD Commons, LCD Segment drivers, or CSD sense and shield pins can be connected to AMUXBUS
A or B or can all be used as GPIO pins that can be driven by firmware or DSI signals.
The following package is supported: 28-pin SSOP.
Figure 3. 28-pin SSOP pinout
(GPIO)P0[1]
SSOP
(Top View)
10
11
(GPIO)P1[2]
28
27
26
25
23
22
21
20
19
18
17
2
3
4
5
6
7
8
9
(GPIO)P1[1]
(GPIO)P1[7]
(GPIO)P2[2]
(GPIO)P2[3]
(GPIO)P2[4]
(GPIO)P2[5]
(GPIO)P2[6]
(GPIO)P3[0]
(GPIO)P4[3]
(GPIO)P0[0]
(GPIO)P0[2]
(GPIO)P0[3]
(GPIO)P0[6]
(GPIO)P0[7]
XRES
VDDD
VSS
1
12
13
14
(GPIO)P1[0]
(GPIO)P3[1]
(GPIO)P3[2]
(GPIO)P4[2]
VCCD
(GPIO)P4[1]
(GPIO)P4[0]
16
15
24
(GPIO)P2[7]
(GPIO)P3[3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com