Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 2Page - Cypress Semiconductor PSOC4100 Datasheet HTML 3Page - Cypress Semiconductor PSOC4100 Datasheet HTML 4Page - Cypress Semiconductor PSOC4100 Datasheet HTML 5Page - Cypress Semiconductor PSOC4100 Datasheet HTML 6Page - Cypress Semiconductor PSOC4100 Datasheet HTML 7Page - Cypress Semiconductor PSOC4100 Datasheet HTML 8Page - Cypress Semiconductor PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor PSOC4100 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 6 of 37
Opamp (CTBm Block)
PSoC 4100 has an opamp with Comparator mode, which allows
most common analog functions to be performed on-chip elimi-
nating external components; PGAs, voltage buffers, filters,
trans-impedance amplifiers, and other functions can be realized
with external passives saving power, cost, and space. The
on-chip opamp is designed with enough bandwidth to drive the
S/H circuit of the ADC without requiring external buffering.
Temperature Sensor
PSoC 4100 has one on-chip temperature sensor This consists
of a diode, which is biased by a current source that can be
disabled to save power. The temperature sensor is connected to
the ADC, which digitizes the reading and produces a
temperature value using Cypress supplied software that includes
calibration and linearization.
Low-power Comparators
PSoC 4100 has a pair of low-power comparators, which can also
operate in the Deep Sleep and Hibernate modes. This allows the
analog system blocks to be disabled while retaining the ability to
monitor external voltage levels during low-power modes. The
comparator outputs are normally synchronized to avoid metasta-
bility unless operating in an asynchronous power mode
(Hibernate) where the system wake-up circuit is activated by a
comparator switch event.
Fixed Function Digital
Timer/Counter/PWM Block
The Timer/Counter/PWM block consists of four 16-bit counters
with user-programmable period length. There is a Capture
register to record the count value at the time of an event (which
may be an I/O event), a period register which is used to either
stop or auto-reload the counter when its count is equal to the
period register, and compare registers to generate compare
value signals which are used as PWM duty cycle outputs. The
block also provides true and complementary outputs with
programmable offset between them to allow use as deadband
programmable complementary PWM outputs. It also has a Kill
input to force outputs to a predetermined state; for example, this
is used in motor drive systems when an overcurrent state is
indicated and the PWMs driving the FETs need to be shut off
immediately with no time for software intervention.
Serial Communication Blocks (SCB)
PSoC 4100 has two SCBs, which can each implement an I2C,
UART, SPI, or LIN Slave interface.
I2C Mode
: The hardware I2C block implements a full
multi-master and slave interface (it is capable of multimaster
arbitration). This block is capable of operating at speeds of up to
1 Mbps (Fast Mode Plus) and has flexible buffering options to
reduce interrupt overhead and latency for the CPU. The FIFO
mode is available in all channels and is very useful in the
absence of DMA.
The I2C peripheral is compatible with the I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/O is implemented with GPIO in open-drain modes. The I2C bus
uses open-drain drivers for clock and data with pull-up resistors
on the bus for clock and data connected to all nodes. Required
Rise and Fall times for different I2C speeds are guaranteed by
using appropriate pull-up resistor values depending on VDD, Bus
Capacitance, and resistor tolerance. For detailed information on
how to calculate the optimum pull-up resistor value for your
design, please refer to the UM10204 I2C bus specification and
user manual, the newest revision is available at www.nxp.com.
The PSoC 4100 is not completely compliant with the I2C spec in
the following respects:
■ GPIO cells are not overvoltage tolerant and, therefore, cannot
be hot-swapped or powered up independently of the rest of the
I2C system.
■ Fast-mode Plus has an IOL specification of 20 mA at a VOL of
0.4 V. The GPIO cells can sink a maximum of 8 mA IOL with a
VOL maximum of 0.6 V.
■ Fast-mode and Fast-mode Plus specify minimum Fall times,
which are not met with the GPIO cell; Slow strong mode can
help meet this spec depending on the Bus Load.
■ When the SCB is an I2C Master, it interposes an IDLE state
between NACK and Repeated Start; the I2C spec defines Bus
free as following a Stop condition so other Active Masters do
not intervene but a Master that has just become activated may
start an Arbitration cycle.
■ When the SCB is in I2C Slave mode, and Address Match on
External Clock is enabled (EC_AM = 1) along with operation in
the internally clocked mode (EC_OP = 0), then its I2C address
must be even.
UART Mode
: This is a full-feature UART operating at up to
1 Mbps. It supports automotive single-wire interface (LIN),
infrared interface (IrDA), and SmartCard (ISO7816) protocols, all
of which are minor variants of the basic UART protocol. In
addition, it supports the 9-bit multiprocessor mode that allows
addressing of peripherals connected over common RX and TX
lines. Common UART functions such as parity error, break
detect, and frame error are supported. An 8-deep FIFO allows
much greater CPU service latencies to be tolerated.
SPI Mode
: The SPI mode supports full Motorola SPI, TI SSP
(essentially adds a start pulse used to synchronize SPI Codecs),
and National Microwire (half-duplex form of SPI). The SPI block
can use the FIFO and also supports an EzSPI mode in which
data interchange is reduced to reading and writing an array in
memory.
LIN Slave Mode
: The LIN Slave mode uses the SCB hardware
block and implements a full LIN slave interface. This LIN slave is
compliant with LIN v1.3 and LIN v2.1/2.2 specification standards.
It is certified by C&S GmbH based on the standard protocol and
data link layer conformance tests. The LIN slave can be operated
at baud rates of up to ~20 Kbps with a maximum of 40-meter
cable length. PSoC Creator software supports up to two LIN
slave interfaces in the PSoC 4 device, providing built-in
application programming interfaces (APIs) based on the LIN
specification standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com