Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 27Page - Cypress Semiconductor PSOC4100 Datasheet HTML 28Page - Cypress Semiconductor PSOC4100 Datasheet HTML 29Page - Cypress Semiconductor PSOC4100 Datasheet HTML 30Page - Cypress Semiconductor PSOC4100 Datasheet HTML 31Page - Cypress Semiconductor PSOC4100 Datasheet HTML 32Page - Cypress Semiconductor PSOC4100 Datasheet HTML 33Page - Cypress Semiconductor PSOC4100 Datasheet HTML 34Page - Cypress Semiconductor PSOC4100 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 31 of 37
Acronyms
Table 44. Acronyms Used in this Document
Acronym
Description
abus
analog local bus
ADC
analog-to-digital converter
AG
analog global
AHB
AMBA (advanced microcontroller bus archi-
tecture) high-performance bus, an ARM data
transfer bus
ALU
arithmetic logic unit
AMUXBUS
analog multiplexer bus
API
application programming interface
APSR
application program status register
ARM®
advanced RISC machine, a CPU architecture
ATM
automatic thump mode
BW
bandwidth
CAN
Controller Area Network, a communications
protocol
CMRR
common-mode rejection ratio
CPU
central processing unit
CRC
cyclic redundancy check, an error-checking
protocol
DAC
digital-to-analog converter, see also IDAC, VDAC
DFB
digital filter block
DIO
digital input/output, GPIO with only digital
capabilities, no analog. See GPIO.
DMIPS
Dhrystone million instructions per second
DMA
direct memory access, see also TD
DNL
differential nonlinearity, see also INL
DNU
do not use
DR
port write data registers
DSI
digital system interconnect
DWT
data watchpoint and trace
ECC
error correcting code
ECO
external crystal oscillator
EEPROM
electrically erasable programmable read-only
memory
EMI
electromagnetic interference
EMIF
external memory interface
EOC
end of conversion
EOF
end of frame
EPSR
execution program status register
ESD
electrostatic discharge
ETM
embedded trace macrocell
FIR
finite impulse response, see also IIR
FPB
flash patch and breakpoint
FS
full-speed
GPIO
general-purpose input/output, applies to a PSoC
pin
HVI
high-voltage interrupt, see also LVI, LVD
IC
integrated circuit
IDAC
current DAC, see also DAC, VDAC
IDE
integrated development environment
I2C, or IIC
Inter-Integrated Circuit, a communications
protocol
IIR
infinite impulse response, see also FIR
ILO
internal low-speed oscillator, see also IMO
IMO
internal main oscillator, see also ILO
INL
integral nonlinearity, see also DNL
I/O
input/output, see also GPIO, DIO, SIO, USBIO
IPOR
initial power-on reset
IPSR
interrupt program status register
IRQ
interrupt request
ITM
instrumentation trace macrocell
LCD
liquid crystal display
LIN
Local Interconnect Network, a communications
protocol.
LR
link register
LUT
lookup table
LVD
low-voltage detect, see also LVI
LVI
low-voltage interrupt, see also HVI
LVTTL
low-voltage transistor-transistor logic
MAC
multiply-accumulate
MCU
microcontroller unit
MISO
master-in slave-out
NC
no connect
NMI
nonmaskable interrupt
NRZ
non-return-to-zero
NVIC
nested vectored interrupt controller
NVL
nonvolatile latch, see also WOL
opamp
operational amplifier
PAL
programmable array logic, see also PLD
PC
program counter
PCB
printed circuit board
Table 44. Acronyms Used in this Document (continued)
Acronym
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com