Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 5 Page - Cypress Semiconductor

  PSOC4100 Datasheet HTML 1Page - Cypress Semiconductor PSOC4100 Datasheet HTML 2Page - Cypress Semiconductor PSOC4100 Datasheet HTML 3Page - Cypress Semiconductor PSOC4100 Datasheet HTML 4Page - Cypress Semiconductor PSOC4100 Datasheet HTML 5Page - Cypress Semiconductor PSOC4100 Datasheet HTML 6Page - Cypress Semiconductor PSOC4100 Datasheet HTML 7Page - Cypress Semiconductor PSOC4100 Datasheet HTML 8Page - Cypress Semiconductor PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 5 of 37
IMO Clock Source
The IMO is the primary source of internal clocking in the
PSoC 4100. It is trimmed during testing to achieve the specified
accuracy. Trim values are stored in nonvolatile latches (NVL).
Additional trim settings from flash can be used to compensate for
changes. The IMO default frequency is 24 MHz and it can be
adjusted between 3 MHz to 24 MHz in steps of 1 MHz. IMO
tolerance with Cypress-provided calibration settings is ±2%.
ILO Clock Source
The ILO is a very low power oscillator, which is primarily used to
generate clocks for peripheral operation in Deep Sleep mode.
ILO-driven counters can be calibrated to the IMO to improve
accuracy. Cypress provides a software component, which does
the calibration.
Watchdog Timer
A watchdog timer is implemented in the clock block running from
the ILO; this allows watchdog operation during Deep Sleep and
generates a watchdog reset if not serviced before the timeout
occurs. The watchdog reset is recorded in the Reset Cause
register.
Reset
PSoC 4100 can be reset from a variety of sources including a
software reset. Reset events are asynchronous and guarantee
reversion to a known state. The reset cause is recorded in a
register, which is sticky through reset and allows software to
determine the cause of the Reset. An XRES pin is reserved for
external reset to avoid complications with configuration and
multiple pin functions during power-on or reconfiguration. The
XRES pin has an internal pull-up resistor that is always enabled.
Voltage Reference
The PSoC 4100 reference system generates all internally
required references. A 1% voltage reference spec is provided for
the 12-bit ADC. To allow better signal-to-noise ratios (SNR) and
better absolute accuracy, it is possible to bypass the internal
reference using a GPIO pin or to use an external reference for
the SAR.
Analog Blocks
12-bit SAR ADC
The 12-bit 806 Ksps SAR ADC can operate at a maximum clock
rate of 14.5 MHz and requires a minimum of 18 clocks at that
frequency to do a 12-bit conversion.
The block functionality is augmented for the user by adding a
reference buffer to it (trimmable to ±1%) and by providing the
choice (for the PSoC 4100 case) of three internal voltage refer-
ences: VDD, VDD/2, and VREF (nominally 1.024 V) as well as an
external reference through a GPIO pin. The Sample-and-Hold
(S/H) aperture is programmable allowing the gain bandwidth
requirements of the amplifier driving the SAR inputs, which
determine its settling time, to be relaxed if required. System
performance will be 65 dB for true 12-bit precision providing
appropriate references are used and system noise levels permit.
To improve performance in noisy conditions, it is possible to
provide an external bypass (through a fixed pin location) for the
internal reference amplifier.
The SAR is connected to a fixed set of pins through an 8-input
sequencer. The sequencer cycles through selected channels
autonomously (sequencer scan) and does so with zero switching
overhead (that is, aggregate sampling bandwidth is equal to
806 Ksps whether it is for a single channel or distributed over
several channels). The sequencer switching is effected through
a state machine or through firmware-driven switching. A feature
provided by the sequencer is buffering of each channel to reduce
CPU interrupt service requirements. To accommodate signals
with varying source impedance and frequency, it is possible to
have different sample times programmable for each channel.
Also, signal range specification through a pair of range registers
(low and high range values) is implemented with a corresponding
out-of-range interrupt if the digitized value exceeds the
programmed range; this allows fast detection of out-of-range
values without the necessity of having to wait for a sequencer
scan to be completed and the CPU to read the values and check
for out-of-range values in software.
The SAR is able to digitize the output of the on-board
temperature
sensor
for
calibration
and
other
temperature-dependent functions. The SAR is not available in
Deep Sleep and Hibernate modes as it requires a high-speed
clock (up to 18 MHz). The SAR operating range is 1.71 V to
5.5 V.
Figure 2. SAR ADC System Diagram
Data and
Status Flags
Reference
Selection
External
Reference
and
Bypass
(optional)
POS
NEG
SAR Sequencer
SARADC
Inputs from other Ports
VDD/2
VDDD
VREF
AHB System Bus and Programmable Logic
Interconnect
Sequencing
and Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com