Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 15Page - Cypress Semiconductor PSOC4100 Datasheet HTML 16Page - Cypress Semiconductor PSOC4100 Datasheet HTML 17Page - Cypress Semiconductor PSOC4100 Datasheet HTML 18Page - Cypress Semiconductor PSOC4100 Datasheet HTML 19Page - Cypress Semiconductor PSOC4100 Datasheet HTML 20Page - Cypress Semiconductor PSOC4100 Datasheet HTML 21Page - Cypress Semiconductor PSOC4100 Datasheet HTML 22Page - Cypress Semiconductor PSOC4100 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 19 of 37
Temperature Sensor
SAR ADC
Table 10. Comparator AC Specifications
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID91
TRESP1
Response time, normal mode
–
–
110
ns
50 mV overdrive
SID258
TRESP2
Response time, low power mode
–
–
200
ns
50 mV overdrive
SID92
TRESP3
Response time, ultra low power mode
(VDDD ≥ 2.2 V for Temp < 0 °C,
VDDD ≥ 1.8 V for Temp > 0 °C)
–
–
15
µs
200 mV overdrive
Table 11. Temperature Sensor Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID93
TSENSACC
Temperature sensor accuracy
–5
±1
+5
°C
–40 to +85 °C
Table 12. SAR ADC DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID94
A_RES
Resolution
–
–
12
bits
SID95
A_CHNIS_S
Number of channels - single ended
–
–
8
8 full speed
SID96
A-CHNKS_D
Number of channels - differential
–
–
4
Diff inputs use
neighboring I/O
SID97
A-MONO
Monotonicity
–
–
–
Yes. Based on
characterization
SID98
A_GAINERR
Gain error
–
–
±0.1
%
With external
reference.
Guaranteed by
characterization
SID99
A_OFFSET
Input offset voltage
–
–
2
mV
Measured with 1-V
VREF. Guaranteed by
characterization
SID100
A_ISAR
Current consumption
–
–
1
mA
SID101
A_VINS
Input voltage range - single ended
VSS
–VDDA
V
Based on device
characterization
SID102
A_VIND
Input voltage range - differential
VSS
–VDDA
V
Based on device
characterization
SID103
A_INRES
Input resistance
–
–
2.2
KΩ
Based on device
characterization
SID104
A_INCAP
Input capacitance
–
–
10
pF
Based on device
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com