Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 4Page - Cypress Semiconductor PSOC4100 Datasheet HTML 5Page - Cypress Semiconductor PSOC4100 Datasheet HTML 6Page - Cypress Semiconductor PSOC4100 Datasheet HTML 7Page - Cypress Semiconductor PSOC4100 Datasheet HTML 8Page - Cypress Semiconductor PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor PSOC4100 Datasheet HTML 10Page - Cypress Semiconductor PSOC4100 Datasheet HTML 11Page - Cypress Semiconductor PSOC4100 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 8 of 37
Pinouts
The following is the pin-list for PSoC 4100. Port 2 comprises of the high-speed Analog inputs for the SAR Mux. P1.7 is the optional
external input and bypass for the SAR reference. Ports 3 and 4 contain the Digital Communication channels. All pins support CSD
CapSense and Analog Mux Bus connections.
Notes:
1. tcpwm_p and tcpwm_n refer to tcpwm non-inverted and inverted outputs respectively.
2. P3.2 and P3.3 are SWD pins after boot (reset).
Descriptions of the pin functions are as follows:
VDDD
: Power supply for both analog and digital sections (where there is no VDDA pin).
Pins
28-SSOP
Alternate Functions for Pins
Pin Description
Name
Type
Pin
Name
Analog
Alt 1
Alt 2
Alt 3
Alt 4
VSSD
Power
DN
–
–
–
–
–
–
Digital Ground
P2.2
GPIO
5
P2.2
sarmux.2
–
–
–
–
Port 2 Pin 2: gpio, lcd, csd, sarmux
P2.3
GPIO
6
P2.3
sarmux.3
–
–
–
–
Port 2 Pin 3: gpio, lcd, csd, sarmux
P2.4
GPIO
7
P2.4
sarmux.4
tcpwm0_p[1]
–
–
–
Port 2 Pin 4: gpio, lcd, csd, sarmux,
pwm
P2.5
GPIO
8
P2.5
sarmux.5
tcpwm0_n[1]
–
–
–
Port 2 Pin 5: gpio, lcd, csd, sarmux,
pwm
P2.6
GPIO
9
P2.6
sarmux.6
tcpwm1_p[1]
–
–
–
Port 2 Pin 6: gpio, lcd, csd, sarmux,
pwm
P2.7
GPIO
10
P2.7
sarmux.7
tcpwm1_n[1]
–
–
–
Port 2 Pin 7: gpio, lcd, csd, sarmux,
pwm
P3.0
GPIO
11
P3.0
–
tcpwm0_p[0]
scb1_uart_rx[0]
scb1_i2c_scl[0]
scb1_spi_mosi[0] Port 3 Pin 0: gpio, lcd, csd, pwm,
scb1
P3.1
GPIO
12
P3.1
–
tcpwm0_n[0]
scb1_uart_tx[0]
scb1_i2c_sda[0]
scb1_spi_miso[0] Port 3 Pin 1: gpio, lcd, csd, pwm,
scb1
P3.2
GPIO
13
P3.2
–
tcpwm1_p[0]
–
swd_io
scb1_spi_clk[0]
Port 3 Pin 2: gpio, lcd, csd, pwm,
scb1, swd
P3.3
GPIO
14
P3.3
–
tcpwm1_n[0]
–
swd_clk
scb1_spi_ssel_0[0] Port 3 Pin 3: gpio, lcd, csd, pwm,
scb1, swd
P4.0
GPIO
15
P4.0
–
–
scb0_uart_rx
scb0_i2c_scl
scb0_spi_mosi
Port 4 Pin 0: gpio, lcd, csd, scb0
P4.1
GPIO
16
P4.1
–
–
scb0_uart_tx
scb0_i2c_sda
scb0_spi_miso
Port 4 Pin 1: gpio, lcd, csd, scb0
P4.2
GPIO
17
P4.2
csd_c_mod
–
–
–
scb0_spi_clk
Port 4 Pin 2: gpio, lcd, csd, scb0
P4.3
GPIO
18
P4.3
csd_c_sh_tan
k
–
–
–
scb0_spi_ssel_0
Port 4 Pin 3: gpio, lcd, csd, scb0
P0.0
GPIO
19
P0.0
comp1_inp
–
–
–
scb0_spi_ssel_1
Port 0 Pin 0: gpio, lcd, csd, scb0,
comp
P0.1
GPIO
20
P0.1
comp1_inn
–
–
–
scb0_spi_ssel_2
Port 0 Pin 1: gpio, lcd, csd, scb0,
comp
P0.2
GPIO
21
P0.2
comp2_inp
–
–
–
scb0_spi_ssel_3
Port 0 Pin 2: gpio, lcd, csd, scb0,
comp
P0.3
GPIO
22
P0.3
comp2_inn
–
–
–
–
Port 0 Pin 3: gpio, lcd, csd, comp
P0.6
GPIO
23
P0.6
–
ext_clk
–
–
scb1_spi_clk[1]
Port 0 Pin 6: gpio, lcd, csd, scb1,
ext_clk
P0.7
GPIO
24
P0.7
–
–
–
wakeup
scb1_spi_ssel_0[1] Port 0 Pin 7: gpio, lcd, csd, scb1,
wakeup
XRES
XRES
25
XRES
–
–
–
–
–
Chip reset, active low
VCCD
Power
26
VCCD
–
–
–
–
–
Regulated supply, connect to 1 µF
cap or 1.8 V
VDDD
Power
27
VDDD
–
–
–
–
–
Common power supply (Analog &
Digital) 1.8 V–5.5 V
VSSA
Power
28(DN)
VSS
–
–
–
–
–
Analog Ground
P1.0
GPIO
1
P1.0
ctb.oa0.inp
tcpwm2_p[1]
–
–
–
Port 1 Pin 0: gpio, lcd, csd, ctb, pwm
P1.1
GPIO
2
P1.1
ctb.oa0.inm
tcpwm2_n[1]
–
–
–
Port 1 Pin 1: gpio, lcd, csd, ctb, pwm
P1.2
GPIO
3
P1.2
ctb.oa0.out
tcpwm3_p[1]
–
–
–
Port 1 Pin 2: gpio, lcd, csd, ctb, pwm
P1.7
GPIO
4
P1.7
ctb.oa1.inp_a
lt ext_vref
––
–
–
Port 1 Pin 7: gpio, lcd, csd, ext_ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com