Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 6Page - Cypress Semiconductor PSOC4100 Datasheet HTML 7Page - Cypress Semiconductor PSOC4100 Datasheet HTML 8Page - Cypress Semiconductor PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor PSOC4100 Datasheet HTML 10Page - Cypress Semiconductor PSOC4100 Datasheet HTML 11Page - Cypress Semiconductor PSOC4100 Datasheet HTML 12Page - Cypress Semiconductor PSOC4100 Datasheet HTML 13Page - Cypress Semiconductor PSOC4100 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 10 of 37
Power
The following power system diagram shows the minimum set of
power supply pins as implemented for the PSoC 4100. The
system has one regulator in Active mode for the digital circuitry.
There is no analog regulator; the analog circuits run directly from
the VDDA input. There are separate regulators for the Deep Sleep
and Hibernate (lowered power supply and retention) modes.
There is a separate low-noise regulator for the bandgap. The
supply voltage range is 1.71 to 5.5 V with all functions and
circuits operating over that range.
Figure 4. PSoC 4 Power Supply
The PSoC 4100 family allows two distinct modes of power supply
operation: Unregulated External Supply, and Regulated External
Supply modes.
Unregulated External Supply
In this mode, PSoC 4100 is powered by an External Power
Supply that can be anywhere in the range of 1.8 V to 5.5 V. This
range is also designed for battery-powered operation, for
instance, the chip can be powered from a battery system that
starts at 3.5 V and works down to 1.8 V. In this mode, the internal
regulator of the PSoC 4100 supplies the internal logic and the
VCCD output of the PSoC 4100 must be bypassed to ground via
an external Capacitor (in the range of 1 to 1.6 µF; X5R ceramic
or better).
Bypass capacitors must be used from VDDD to ground, typical
practice for systems in this frequency range is to use a capacitor
in the 1-µF range in parallel with a smaller capacitor (0.1 µF for
example). Note that these are simply rules of thumb and that, for
critical applications, the PCB layout, lead inductance, and the
Bypass capacitor parasitic should be simulated to design and
obtain optimal bypassing.
An example of a bypass scheme for the 28-pin SSOP package
follows.
Figure 5. 28-Pin SSOP Example
Regulated External Supply
In this mode, the PSoC 4100 is powered by an external power
supply that must be within the range of 1.71 to 1.89 V (1.8 ± 5%);
note that this range needs to include power supply ripple too. In
this mode, VCCD, and VDDD pins are all shorted together and
bypassed. The internal regulator is disabled in firmware.
1.8 Volt
Reg
VDDD
VSSD
VDDD
VCCD
Digital
Domain
Table 1. Example of a bypass scheme
Power Supply
Bypass Capacitors
VDDD–VSS
0.1 µF ceramic capacitor (C2) plus bulk
capacitor 1 to 10 µF (C1). Total
Capacitance may be greater than 10 µF.
VCCD–VSS
1 µF ceramic capacitor at the VCCD pin
(C3)
VREF–VSS
(optional)
The internal bandgap may be bypassed
with a 1 µF to 10 µF capacitor. Total capac-
itance may be greater than 10 µF.
(GPIO) P3[0]
( GPIO) P0[1]
SSOP
(Top View)
10
11
P1[2]
28
27
26
25
23
22
21
20
19
18
17
2
3
4
5
6
7
8
9
(GPIO)P1[1]
(GPIO )
(GPIO) P1[7]
(GPIO) P2[2]
(GPIO ) P2[3]
(GPIO ) P2[4]
(GPIO ) P2[5]
(GPIO) 2[6]
(GPIO) P4[3]
(GPIO) P0[0]
( GPIO) P0[2]
( GPIO) P0[3]
( GPIO) P0[6]
(GPIO) P0[7]
XRES
VDDD
VSS
1
12
13
14
(GPIO )P1[0]
(GPIO)P3[1]
(GPIO )P3[2]
(GPIO )P3[3]
(GPIO)P2[7]
(GPIO)P4[2]
VCCD
(GPIO)P4[1]
(GPIO)P4[0]
16
15
24
C3 1µF
VSS
VSS
0.1 µF C2
C1 1µF
VSS
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com