Electronic Components Datasheet Search
  English  ▼

X  

80386EX Datasheet(PDF) 13 Page - Intel Corporation

Part # 80386EX
Description  Intel386 EX Embedded Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80386EX Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80386EX Datasheet HTML 9Page - Intel Corporation 80386EX Datasheet HTML 10Page - Intel Corporation 80386EX Datasheet HTML 11Page - Intel Corporation 80386EX Datasheet HTML 12Page - Intel Corporation 80386EX Datasheet HTML 13Page - Intel Corporation 80386EX Datasheet HTML 14Page - Intel Corporation 80386EX Datasheet HTML 15Page - Intel Corporation 80386EX Datasheet HTML 16Page - Intel Corporation 80386EX Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Intel386™ EX Embedded Microprocessor
Datasheet
13
Table 4.
Intel386™ EX Microprocessor Pin Descriptions (Sheet 1 of 6)
Symbol
Type
Output States
Name and Function
A25:1
O
H(Z)
R(1)
I(1)
P(1)
Address Bus outputs physical memory or port I/O addresses.
These signals are valid when ADS# is active and remain valid
until the next T1, T2P, or Ti. During HOLD cycles they are driven
to a high-impedance state. A18:16 are multiplexed with CAS2:0.
ADS#
O
H(Z)
R(1)
I(1)
P(1)
Address Status indicates that the processor is driving a valid
bus-cycle definition and address (W/R#, D/C#, M/IO#, A25:1,
BHE#, BLE#) onto its pins.
BHE#
O
H(Z)
R(0)
I(X)
P(0)
Byte High Enable indicates that the processor is transferring a
high data byte.
BLE#
O
H(Z)
R(0)
I(X)
P(1)
Byte Low Enable indicates that the processor is transferring a
low data byte.
BS8#
I
Bus Size indicates that an 8-bit device is currently being
addressed.
BUSY#
I
Busy indicates that the math coprocessor is busy. If BUSY# is
sampled LOW at the falling edge of RESET, the processor
performs an internal self test. BUSY# is multiplexed with
TMRGATE2 and has a temporary weak pull-up resistor.
CAS2:0
O
H(Z)
R(1)
I(1)
P(1)
Cascade Address carries the slave address information from
the 8259A master interrupt module during interrupt acknowledge
bus cycles. CAS2:0 are multiplexed with A18:16.
CLK2
ST
Clock Input is connected to an external clock that provides the
fundamental timing for the device.
CLKOUT
O
H(Q)
R(Q)
I(Q)
P(0)
CLKOUT is a PH1P clock output.
COMCLK
I
Serial Communications Baud Clock is an alternate clock
source for the asynchronous serial ports. COMCLK is
multiplexed with P3.7 and has a temporary weak pull-down
resistor.
CS4:0#
O
H(1)
R(WH)
I(Q)
P(X)
Chip-selects are activated when the address of a memory or I/O
bus cycle is within the address region programmed by the user.
They are multiplexed as follows: CS6# with REFRESH#, CS5#
with DACK0#, and CS4:0# with P2.4:0.
CS6:5#
O
H(1)
R(1)
I(Q)
P(X)
Chip-selects are activated when the address of a memory or I/O
bus cycle is within the address region programmed by the user.
They are multiplexed as follows: CS6# with REFRESH#, CS5#
with DACK0#, and CS4:0# with P2.4:0.
CTS1:0#
I
Clear to Send SIO1 and SIO0 prevent the transmission of data
to the asynchronous serial port’s RXD1 and RXD0 pins,
respectively. CTS1# is multiplexed with EOP#, and CTS0# is
multiplexed with P2.7. CTS1# requires an external pull-up
resistor. Both have temporary weak pull-up resistors.
NOTES:
1. X if clock source is internal; Q if clock source is external
2. Q if JTAG unit is shifting out data, Z if it is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com