Electronic Components Datasheet Search
  English  ▼

X  

80386EX Datasheet(PDF) 14 Page - Intel Corporation

Part # 80386EX
Description  Intel386 EX Embedded Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80386EX Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80386EX Datasheet HTML 10Page - Intel Corporation 80386EX Datasheet HTML 11Page - Intel Corporation 80386EX Datasheet HTML 12Page - Intel Corporation 80386EX Datasheet HTML 13Page - Intel Corporation 80386EX Datasheet HTML 14Page - Intel Corporation 80386EX Datasheet HTML 15Page - Intel Corporation 80386EX Datasheet HTML 16Page - Intel Corporation 80386EX Datasheet HTML 17Page - Intel Corporation 80386EX Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Intel386™ EX Embedded Microprocessor
14
Datasheet
D15:0
I/O
H(Z)
R(Z)
P(Z)
Data Bus inputs data during memory read, I/O read, and
interrupt acknowledge cycles and outputs data during memory
and I/O write cycles. During writes, this bus is driven during
phase 2 of T1 and remains active until phase 2 of the next T1,
T1P, or Ti. During reads, data is latched on the falling edge of
phase 2.
DACK1:0#
O
H(1)
R(1)
I(Q)
P(X)
DMA Acknowledge 1 and 0 signal to an external device that the
processor has acknowledged the corresponding DMA request
and is relinquishing the bus. DACK1# is multiplexed with TXD1,
and DACK0# is multiplexed with CS5#.
D/C#
O
H(Z)
R(1)
I(0)
P(0)
Data/Control indicates whether the current bus cycle is a data
cycle (memory or I/O read or write) or a control cycle (interrupt
acknowledge, halt, or code fetch).
DCD1:0
I
Data Carrier Detect SIO1 and SIO0 indicate that the modem or
data set has detected the corresponding asynchronous serial
channel’s data carrier. DCD1# is multiplexed with DRQ0, and
DCD0# is multiplexed with P1.0 and has a temporary weak pull-
up resistor.
DRQ1:0
I
DMA External Request 1 and 0 indicate that a peripheral
requires DMA service. DRQ1 is multiplexed with RXD1, and
DRQ0 is multiplexed with DCD1#.
DSR1:0#
I
Data Set Ready SIO1 and SIO0 indicate that the modem or data
set is ready to establish a communication link with the
corresponding asynchronous serial channel. DSR1# is
multiplexed with STXCLK and has a permanent weak pull-up
resistor, and DSR0# is multiplexed with P1.3 and has a
temporary weak pull-up resistor.
DTR1:0#
O
H(X)
R(WH)
I(X)
P(X)
Data Terminal Ready SIO1 and SIO0 indicate that the
corresponding asynchronous serial channel is ready to establish
a communication link with the modem or data set. DTR1# is
multiplexed with SRXCLK, and DTR0# is multiplexed with P1.2.
EOP#
I/OD
H(Z)
R(WH)
I(Z)
P(Z)
End of Process indicates that the processor has reached
terminal count during a DMA transfer. An external device can
also pull this pin LOW. EOP# is multiplexed with CTS1#.
ERROR#
I
Error indicates that the math coprocessor has an error condition.
ERROR# is multiplexed with TMROUT2 and has a temporary
weak pull-up resistor.
FLT#
I
Float forces all bidirectional and output signals except TDO to a
high-impedance state. It has a permanent weak pull-up resistor.
This pin should be tied to VCC through a 3 to 7 KOhm pull-up
resistor.
HLDA
O
H(1)
R(WL)
I(Q)
P(X)
Bus Hold Acknowledge indicates that the processor has
surrendered control of its local bus to another bus master. HLDA
is multiplexed with P1.7.
HOLD
I
Bus Hold Request allows another bus master to request control
of the local bus. HLDA active indicates that bus control has been
granted. HOLD is multiplexed with P1.6. It has a temporary weak
pull-down resistor.
Table 4.
Intel386™ EX Microprocessor Pin Descriptions (Sheet 2 of 6)
Symbol
Type
Output States
Name and Function
NOTES:
1. X if clock source is internal; Q if clock source is external
2. Q if JTAG unit is shifting out data, Z if it is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com