Electronic Components Datasheet Search
  English  ▼

X  

80386EX Datasheet(PDF) 39 Page - Intel Corporation

Part # 80386EX
Description  Intel386 EX Embedded Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80386EX Datasheet(HTML) 39 Page - Intel Corporation

Back Button 80386EX Datasheet HTML 35Page - Intel Corporation 80386EX Datasheet HTML 36Page - Intel Corporation 80386EX Datasheet HTML 37Page - Intel Corporation 80386EX Datasheet HTML 38Page - Intel Corporation 80386EX Datasheet HTML 39Page - Intel Corporation 80386EX Datasheet HTML 40Page - Intel Corporation 80386EX Datasheet HTML 41Page - Intel Corporation 80386EX Datasheet HTML 42Page - Intel Corporation 80386EX Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Intel386™ EX Embedded Microprocessor
Datasheet
39
t42a
UCS#, CS6:0# Hold after
WR# High
00
t42b
A25:1. BHE#, BLE# Hold
After WR# High
10
10
(7, 8)
t43
D15:0 Output Valid to WR#
High
2CLK2
– 10
2CLK2
– 10
(5)
t44
D15:0 Output Hold After WR#
High
CLK2
–10
CLK2
–10
t45
WR# High to D15:0 Float
CLK2
+ 10
CLK2
+10
(3)
t46
WR# Pulse Width
2CLK2
–10
2CLK2
–10
(7)
t47
A25:1, BHE#, BLE# Valid to
D15:0 Valid
4CLK2-
41
4CLK2
- 45
(5)
t47a
UCS#, CS6:0# Valid to D15-
D0 Valid
4CLK2 -
42
4CLK2
- 53
(5)
t48
RD# Low to D15:0 Input Valid
3CLK2 –
39
3CLK2
– 43
(5)
t49
D15:0 Hold After RD# High
0
0
t50
RD# High to D15:0 Float
CLK2
CLK2
(3)
t51
A25:1, BHE#, BLE# Hold
After RD# High
00
t51a
UCS#, CS6:0# Hold after
RD# High
00
t52
RD# Pulse Width
3CLK2
–13
3CLK2
–15
Synchronous Serial I/O (SSIO) Unit
t100
STXCLK, SRXCLK
Frequency (Master Mode)
CLK2/8
CLK2/8
(Unit is MHz)
t101
STXCLK, SRXCLK
Frequency (Slave Mode)
CLK2/8
CLK2/8
(Unit is MHz)
t102
STXCLK, SRXCLK Low Time
7CLK2/
2
7CLK2/
2
(2)
Table 12. 3-Volt AC Characteristics (Sheet 3 of 5)
Symbol
Parameter
25 MHz
3.0 V to 3.6 V
20 MHz
2.7 V to 3.6 V
Test Condition
Min.
(ns)
Max.
(ns)
Min.
(ns)
Max.
(ns)
NOTE:
1. Tested at maximum operating frequency and guaranteed by design characterization at lower operating
frequencies.
2. These are not tested. They are guaranteed by characterization.
3. Float condition occurs when maximum output current becomes less than I
LO in magnitude. Float delay is not
fully tested.
4. These inputs may be asynchronous to CLK2. The setup and hold specifications are given to ensure
recognition within a specific CLK2 period.
5. These specifications are for information only and are not tested. They are intended to assist the designer in
selecting memory speeds. For each wait state in the design add two CLK2 cycles to the specification.
6. This specification assumes that READY# goes active after the rising edge of phase 2, so that WR# goes
inactive as a result of READY# falling.
7. This specification assumes that READY# goes active before the rising edge of phase 2, so that WR# goes
inactive as a result of phase 2 rising.
8. This specification applies if READY# is generated internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com