Electronic Components Datasheet Search
  English  ▼

X  

80386EX Datasheet(PDF) 18 Page - Intel Corporation

Part # 80386EX
Description  Intel386 EX Embedded Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80386EX Datasheet(HTML) 18 Page - Intel Corporation

Back Button 80386EX Datasheet HTML 14Page - Intel Corporation 80386EX Datasheet HTML 15Page - Intel Corporation 80386EX Datasheet HTML 16Page - Intel Corporation 80386EX Datasheet HTML 17Page - Intel Corporation 80386EX Datasheet HTML 18Page - Intel Corporation 80386EX Datasheet HTML 19Page - Intel Corporation 80386EX Datasheet HTML 20Page - Intel Corporation 80386EX Datasheet HTML 21Page - Intel Corporation 80386EX Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Intel386™ EX Embedded Microprocessor
18
Datasheet
TRST#
ST
TAP (Test Access Port) Controller Reset resets the TAP
controller at power-up and each time it is activated. It has a
permanent weak pull-up resistor.
TXD1
O
H(Q)
R(1)
I(Q)
P(X)/P(Q)
Note 1
Transmit Data SIO1 and SIO0 transmit serial data from the
individual serial channels. TXD1 is multiplexed with DACK1#,
and TXD0 is multiplexed with P2.6.
TXD0
O
H(Q)
R(WL)
I(Q)
P(X)/P(Q)
Note 1
Transmit Data SIO1 and SIO0 transmit serial data from the
individual serial channels. TXD1 is multiplexed with DACK1#,
and TXD0 is multiplexed with P2.6.
UCS#
O
H(1)
R(0)
I(Q)
P(X)
Upper Chip-select is activated when the address of a memory
or I/O bus cycle is within the address region programmed by the
user.
V
CC
P
System Power provides the nominal DC supply input. This pin is
connected externally to a V
CC board plane.
V
SS
G
System Ground provides the 0 V connection from which all
inputs and outputs are measured. This pin is connected
externally to a ground board plane.
WDTOUT
O
H(Q)
R(0)
I(Q)
P(X)
Watchdog Timer Output indicates that the watchdog timer has
expired.
W/R#
O
H(Z)
R(0)
I(1)
P(1)
Write/Read indicates whether the current bus cycle is a write
cycle or a read cycle. When W/R# is HIGH, the bus cycle is a
write cycle; when W/R# is LOW, the bus cycle is a read cycle.
WR#
O
H(1)
R(1)
I(1)
P(1)
Write Enable indicates that the current bus cycle is a write cycle.
Table 4.
Intel386™ EX Microprocessor Pin Descriptions (Sheet 6 of 6)
Symbol
Type
Output States
Name and Function
NOTES:
1. X if clock source is internal; Q if clock source is external
2. Q if JTAG unit is shifting out data, Z if it is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com