Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button GWJDSMS1.PC Datasheet HTML 3Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 4Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 5Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 6Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 7Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 8Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 9Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 10Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Draft Version 0.0
GW JDSMS1.PC
2013-11-22
7
DRAFT – For Reference only.
Subject to change.
Color Chromaticity Groups 5) page 24
色度坐标组 5) 第 24
Group
组
Cx
Cy
Group
组
Cx
Cy
Group
组
Cx
Cy
5C
0.3055
0.3177
5G
0.3293
0.3384
5N
0.3822
0.3670
0.3068
0.3113
0.3294
0.3306
0.3853
0.3776
0.3108
0.3229
0.3366
0.3369
0.3898
0.3716
0.3119
0.3162
0.3369
0.3451
0.3934
0.3825
6C
0.3041
0.3240
6G
0.3292
0.3461
6N
0.3853
0.3776
0.3055
0.3177
0.3293
0.3384
0.3885
0.3882
0.3098
0.3296
0.3369
0.3451
0.3934
0.3825
0.3108
0.3229
0.3373
0.3534
0.3970
0.3935
7C
0.3028
0.3304
7G
0.3292
0.3461
7N
0.3885
0.3882
0.3041
0.3240
0.3292
0.3539
0.3916
0.3987
0.3087
0.3363
0.3373
0.3534
0.3970
0.3935
0.3098
0.3296
0.3376
0.3616
0.4006
0.4044
8C
0.3015
0.3368
8G
0.3291
0.3617
5R
0.4147
0.3814
0.3028
0.3304
0.3292
0.3539
0.4185
0.3902
0.3076
0.3430
0.3376
0.3616
0.4222
0.3840
0.3087
0.3363
0.3379
0.3698
0.4263
0.3929
5D
0.3108
0.3229
5H
0.3366
0.3369
6R
0.4185
0.3902
0.3119
0.3162
0.3369
0.3451
0.4223
0.3990
0.3162
0.3282
0.3441
0.3428
0.4263
0.3929
0.3170
0.3212
0.3448
0.3515
0.4305
0.4019
6D
0.3098
0.3296
6H
0.3369
0.3451
7R
0.4223
0.3990
0.3108
0.3229
0.3373
0.3534
0.4261
0.4077
0.3154
0.3352
0.3448
0.3515
0.4305
0.4019
0.3162
0.3282
0.3456
0.3601
0.4346
0.4108
7D
0.3087
0.3363
7H
0.3373
0.3534
8R
0.4261
0.4077
0.3098
0.3296
0.3376
0.3616
0.4299
0.4165
0.3146
0.3422
0.3456
0.3601
0.4346
0.4108
0.3154
0.3352
0.3464
0.3688
0.4387
0.4197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com