Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 2 Page - OSRAM GmbH

  GWJDSMS1.PC Datasheet HTML 1Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 2Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 3Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 4Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 5Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 6Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 7Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 8Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2013-11-22
2
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW JDSMS1.PC
Ordering Information
订购信息
Type:
Color
Temperature
Luminous
Intensity 1) page 24
Ordering Code
类型 :
色温
发光强度 1) 第 24
订购代码
IF = 120 mA
[K]
IV [mcd]
GW JDSMS1.PC-FTGP-5C8E-L1N2
6500
15000 ... 19400
GW JDSMS1.PC-FTGP-5E8G-L1N2
5700
15000 ... 19400
Q65111A5428
in process
GW JDSMS1.PC-FTGP-5H7I-L1N2
5000
15000 ... 19400 Q65111A5427
GW JDSMS1.PC-FTGP-5L7N-L1N2
4000
15000 ... 19400 Q65111A5431
GW JDSMS1.PC-FSFU-5L7N-L1N2
4000
14000 ... 18000 Q65111A5377
GW JDSMS1.PC-FTGP-5R8T-L1N2
3000
15000 ... 19400 Q65111A5430
GW JDSMS1.PC-FSFU-5R8T-L1N2
3000
14000 ... 18000 Q65111A5429
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page ). Only one group will be shipped on
each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW JDSMS1.PC-FTGP-5H7I-L1N2 means that only one group
FT, FU, GP will be shippable for any packing unit. In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where color chromaticity coordinate groups are measured and binned, single groups will be shipped on any one packing
unit. GW JDSMS1.PC-FTGP-5H7I-L1N2 means that the device will be shipped within the specified limits. In order to ensure availability, single color
chromaticity groups groups will not be orderable (see page ).
In a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped on any packing
unit. E. g. GW JDSMS1.PC-FTGP-5H7I-L1N2 means that only one forward voltage group L1,L2,M1,M2,N1,N2 will be shippable. In order to ensure
availability, single forward voltage groups will not be orderable (see page ).
注释 :
上述类型编号代表仅包含几个亮度组的订购组 (参见第 页) 。每个卷盘上仅装运一个亮度组 (一个卷盘上不会混装两个亮度组) 。例如,GW
JDSMS1.PC-FTGP-5H7I-L1N2 表示任何一个卷盘上仅可装运一个亮度组:FT, FU, GP 。为了确保可用性,单个亮度组将不接受订购。
类似地,对于需要测量和分选色度坐标组的颜色,每个卷盘上将仅装运单个色度坐标组。例如,GW JDSMS1.PC-FTGP-5H7I-L1N2 表示仅可装运特
定范围内的一个色度坐标组 (参见第 页)。为了确保可用性,单个色度坐标组将不接受订购。
同样,对于需要测量和分选正向电压组的 LED,每个卷盘上将仅装运一个正向电压组。例如,GW JDSMS1.PC-FTGP-5H7I-L1N2 表示每卷盘上仅可
装运正向电压组 L1,L2,M1,M2,N1,N2 中的一个。为了确保可用性,单个正向电压组将不接受订购 (参见第 页)。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com