Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 24 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button GWJDSMS1.PC Datasheet HTML 16Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 17Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 18Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 19Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 20Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 21Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 22Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 23Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 24Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Draft Version 0.0
GW JDSMS1.PC
2013-11-22
24
DRAFT – For Reference only.
Subject to change.
Glossary
词汇表
1) Brightness: Brightness groups are tested at a
current pulse duration of 25 ms and a tolerance of
± 11%.
1) 亮度: 亮度分组是在电流脉冲为 25 毫秒的条件下测
试,容差为 ±11%。
2) Forward Voltage: Forward voltages are tested at a
current pulse duration of 1 ms and a tolerance of ±
0.1 V.
2) 正向电压: 正向电压是在电流脉冲为 1 毫秒的条件下
测试,容差为 ±0.1V。
3) Color reproduction index: Color reproduction index
values (CRI-RA) are measured during a current
pulse of typically 25 ms and with a tolerance of ± 3.
3) 显色指数: 显色指数 (CRI-RA) 是在电流脉冲为 25
毫秒的条件下测试 , 容差为 ± 3。
4) Thermal Resistance: Rth max is based on statistic
values (6σ).
4) 热阻: 最大热阻基于统计数据 (6σ)。
5) Chromaticity coordinate groups: C h r o ma ticity
coordinate groups are tested at a current pulse
duration of 25 ms and a tolerance of ±0.01.
5) 色度坐标组: 颜色分组是在电流脉冲为 25 毫秒的条
件下测试,容差为 ±0.01。
6) Typical Values: Due to the special conditions of the
manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can
only reflect statistical figures. These do not
necessarily correspond to the actual parameters of
each single product, which could differ from the
typical data and calculated correlations or the typical
characteristic line. If requested, e.g. because of
technical improvements, these typ. data will be
changed without any further notice.
6) 典型值: 由于 LED 制造工艺的条件特殊, 典型或计
算得出的技术参数数据仅能反映统计数据, 而不等
同于各产品的实际参数, 它们可能与典型或计算得
出的典型特征线数据不同。如果需要 ( 如由于技术
改进),这些典型数据将有所变更,恕不另行通知。
7) Tolerance of Measure: Dimensions are specified as
follows: mm (inch).
7) 测量容差: 尺寸单位指定为:mm ( 英寸)。
Published by OSRAM Opto Semiconductors GmbH
Leibnizstraße 4, D-93055 Regensburg
www.osram-os.com © All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com