Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GWJDSMS1.PC Datasheet HTML 9Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 10Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 11Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 12Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 13Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 14Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 15Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 16Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Draft Version 0.0
GW JDSMS1.PC
2013-11-22
13
DRAFT – For Reference only.
Subject to change.
Relative Forward Voltage 6) page 24
相对正向电压 6) 第 24
ΔVF = VF - VF(25°C) = f(Tj); IF = 120 mA
Relative Luminous Intensity 6) page 24
相对发光强度 6) 第 24
IV/IV(25)°C = f(Tj); IF = 120 mA
Chromaticity Coordinate Shift 6) page 24
色度坐标偏移 6) 第 24
ΔCx, ΔCy = f(Tj); IF = 120 mA
warm white / 暖白光
Chromaticity Coordinate Shift 6) page 24
色度坐标偏移 6) 第 24
ΔCx, ΔCy = f(Tj); IF = 120 mA
cool white / 冷白光
GW JDSMS1.xC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
ΔVF [V]
-40 -20 0
20 40 60 80 100
Tj [ C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
V
V (25 C)
GW JDSMS1.PC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
:
Δ Cx
:
Δ Cy
GW JDSMS1.PC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
:
Δ Cx
:
Δ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com