Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 1 Page - OSRAM GmbH

  GWJDSMS1.PC Datasheet HTML 1Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 2Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 3Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 4Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 5Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 6Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 7Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 8Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2013-11-22
1
DRAFT – For Reference only.
Subject to change.
2013-11-22
DURIS® E 5
Datasheet
Draft Version 0.0
GW JDSMS1.PC
The DURIS® E 5 combines high efficacy and a wide
beam angle into a compact format (5.6 mm x 3.0 mm).
This is key to homogeneous illumination applications
where the DURIS® E 5 never fails to impress with its
performance on system level.
DURIS® E 5 在一个紧凑的封装尺寸 (5.6 毫米 x3.0
毫米)内同时具备高发光效率和宽发光角度,这是
DURIS® E 5 实现高性能系统设计和均匀照明应用的
关键。
Features:
性能 :
• Package: white SMT package, colored diffused
silicone resin
• 封装 : 白色贴片式,色散硅树脂
• Viewing angle at 50 % IV: 120°
• 视角 at 50 % IV: 120°
• Color: 3000 K - 6500 K ( white )
• 色温 : 3000 K - 6500 K ( 白色 )
• CRI: min. 70
• 显色指数 : min. 70
• Luminous Flux: typ. 48 lm @ 5000 K
• 典型光通量 : typ. 48 lm @ 5000 K
• Luminous efficacy: typ. 127 lm/W @ 5000 K
• 发光效率 : typ. 127 lm/W @ 5000 K
Applications
应用
• Retrofits and fixtures
• 替换灯和灯具
•Task lights
•工作灯


Similar Part No. - GWJDSMS1.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJDSMS1.CC OSRAM-GWJDSMS1.CC Datasheet
947Kb / 23P
white SMT package, colored diffused silicone resin
GWJDSMS1.EC OSRAM-GWJDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
More results

Similar Description - GWJDSMS1.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com