Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 4 Page - OSRAM GmbH

  GWJDSMS1.PC Datasheet HTML 1Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 2Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 3Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 4Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 5Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 6Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 7Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 8Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2013-11-22
4
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW JDSMS1.PC
Characteristics (TS = 25 °C; IF = 120 mA)
特性
Parameter
Symbol
Values
Unit
参数
符号
值
单位
Viewing angle at 50 % IV
50 % IV 时的全视角
(typ.)
2ϕ
120
°
Forward voltage 2) page 24
正向电压 2) 第 24
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.15
3.60
V
V
V
Reverse current
反向电流
IR
not designed for
reverse operation
Color reproduction index 3) page 24
显色指数 3) 第 24
(min.)
Ra
70
-
Real thermal resistance junction / solder point
4)
page 24
结点 - 焊点热阻 4) 第 24
(typ.)
(max.)
Rth JS real
Rth JS real
33
53
K/W
K/W
"Electrical" thermal resistance junction / solder
point 4) page 24
“ 电学 ' 热阻 ( 结点 / 焊点 ) 4) 第 24
(with efficiency ηe = 30 %)
(typ.)
(max.)
Rth JS el
Rth JS el
25
40
K/W
K/W
Note: Individual forward voltage groups see next page
注释 : 具体的正向电压分组参见下一页



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com