Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GWJDSMS1.PC Datasheet HTML 4Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 5Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 6Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 7Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 8Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 9Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 10Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 11Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2013-11-22
8
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW JDSMS1.PC
8D
0.3076
0.3430
5I
0.3441
0.3428
5S
0.4222
0.3840
0.3087
0.3363
0.3448
0.3515
0.4263
0.3929
0.3138
0.3492
0.3515
0.3487
0.4298
0.3867
0.3146
0.3422
0.3527
0.3578
0.4342
0.3957
5E
0.3162
0.3282
6I
0.3448
0.3515
6S
0.4263
0.3929
0.3170
0.3212
0.3456
0.3601
0.4305
0.4019
0.3216
0.3334
0.3527
0.3578
0.4342
0.3957
0.3221
0.3262
0.3539
0.3669
0.4386
0.4048
6E
0.3154
0.3352
7I
0.3456
0.3601
7S
0.4305
0.4019
0.3162
0.3282
0.3464
0.3688
0.4346
0.4108
0.3210
0.3408
0.3539
0.3669
0.4386
0.4048
0.3216
0.3334
0.3551
0.3760
0.4430
0.4138
7E
0.3146
0.3422
5L
0.3670
0.3578
8S
0.4346
0.4108
0.3154
0.3352
0.3692
0.3677
0.4387
0.4197
0.3205
0.3481
0.3746
0.3624
0.4430
0.4138
0.3210
0.3408
0.3773
0.3726
0.4474
0.4228
8E
0.3138
0.3492
6L
0.3692
0.3677
5T
0.4298
0.3867
0.3146
0.3422
0.3714
0.3775
0.4342
0.3957
0.3200
0.3554
0.3773
0.3726
0.4373
0.3893
0.3205
0.3481
0.3799
0.3828
0.4420
0.3985
5F
0.3217
0.3316
7L
0.3714
0.3775
6T
0.4342
0.3957
0.3222
0.3243
0.3736
0.3874
0.4386
0.4048
0.3293
0.3384
0.3799
0.3828
0.4420
0.3985
0.3294
0.3306
0.3826
0.3931
0.4468
0.4077
6F
0.3212
0.3389
5M
0.3746
0.3624
7T
0.4386
0.4048
0.3217
0.3316
0.3773
0.3726
0.4430
0.4138
0.3292
0.3461
0.3822
0.3670
0.4468
0.4077
0.3293
0.3384
0.3853
0.3776
0.4515
0.4168
7F
0.3206
0.3462
6M
0.3773
0.3726
8T
0.4430
0.4138
0.3212
0.3389
0.3799
0.3828
0.4474
0.4228
0.3292
0.3461
0.3853
0.3776
0.4515
0.4168
0.3292
0.3539
0.3885
0.3882
0.4562
0.4260
Group
组
Cx
Cy
Group
组
Cx
Cy
Group
组
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com