Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.PC Datasheet(PDF) 22 Page - OSRAM GmbH

Part # GWJDSMS1.PC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.PC Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button GWJDSMS1.PC Datasheet HTML 16Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 17Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 18Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 19Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 20Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 21Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 22Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 23Page - OSRAM GmbH GWJDSMS1.PC Datasheet HTML 24Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
2013-11-22
22
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW JDSMS1.PC
Notes
注释
The evaluation of eye safety occurs according to the
standard IEC 62471:2008 ("photobiological safety
of lamps and lamp systems"). Within the risk
grouping system of this CIE standard, the LED
specified in this data sheet fall into the class Exempt
group (exposure time 10000 s). Under real
circumstances (for exposure time, eye pupils,
observation distance), it is assumed that no
endangerment to the eye exists from these devices.
As a matter of principle, however, it should be
mentioned that intense light sources have a high
secondary exposure potential due to their blinding
effect. As is also true when viewing other bright light
sources (e.g. headlights), temporary reduction in
visual acuity and afterimages can occur, leading to
irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
本产品根据 IEC 62471:2008 标准 (“ 灯和灯系统的
光生物安全性 ”)进行眼睛安全评估。在该 CIE 标
准的风险分组系统中,本数据表中指定的 LED 属于
" 无风险 “ 组 (接触时间为 1000 秒)。在实际环境
(包括接触时间、瞳孔、观察距离)中,认为这些
装置对人眼没有危害。但是,作为原则问题,必须
提及强烈光源具有致盲效应,因此很可能发生二次
曝光。直视其他明亮光源 (如车前灯)时也是如
此,视敏度可能会暂时下降,也可能会出现余像,
从而导致困扰、烦恼、视障甚至意外事故,具体取
决于当时的情况。
Subcomponents of this LED are silverplated. Silver
is discoloring when being exposed to environments
containing high concentrations of aggressive
substances. Corroded silver may lead to a
worsening of the optical performance of the LED
and can in the worst case lead to a failure of the
LED. Do not expose this LED to aggressive
atmospheres. Note, that corrosive gases may as
well be emitted from materials close to the LED in
the final product.
该款 LED 的子组件含镀银成分。当银被暴露在含有
高浓度的腐蚀性物质的环境中会产生变色。锈蚀的
银可能导致 LED 的光学性能下降,并可以在最坏的
情况下导致 LED 的故障。因此不要将这款 LED 暴
露在高腐蚀性环境。注意,腐蚀性气体也可能从最
终产品中 LED 周围的材料中产生。
Change management for this component is aligned
with the requirements of the lighting market.
该组件的变更管理是与照明市场的要求相一致的。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com