Electronic Components Datasheet Search
  English  ▼

X  

MP8846 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8846 Datasheet HTML 15Page - Monolithic Power Systems MP8846 Datasheet HTML 16Page - Monolithic Power Systems MP8846 Datasheet HTML 17Page - Monolithic Power Systems MP8846 Datasheet HTML 18Page - Monolithic Power Systems MP8846 Datasheet HTML 19Page - Monolithic Power Systems MP8846 Datasheet HTML 20Page - Monolithic Power Systems MP8846 Datasheet HTML 21Page - Monolithic Power Systems MP8846 Datasheet HTML 22Page - Monolithic Power Systems MP8846 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MP8846 – 6A, 8V SYNCHRONOUS STEP-DOWN CONVERTER
MP8846 Rev. 1.0
www.MonolithicPower.com
19
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
the MP8846. The MP8846 performs an update
on the falling edge of the LSB byte.
MP8846 I2C Chip Address
ADD sets the MP8846 address. The default 7-
bit address of the MP8846 is “68” (hex) or
“1101000” (binary) if ADD is floated or pulled up
to VCC. The other address of the MP8846 is
“60” (hex) or “1100000” (binary) if ADD is pulled
to ground. When the master sends the address
as an 8-bit value, the 7-bit address should be
followed
by
“0/1”
to
indicate
write/read
operation (see Table 1).
TABLE 1. MP8846 Address
ADD
Address (Hex)
Address (Binary)
A7
A6
A5
A4
A3
A2
A1
A0
(R/W)
Floated or Connected to
VCC
D0
1
1
0
1
0
0
0
0
D1
1
1
0
1
0
0
0
1
Connected to GND
C0
1
1
0
0
0
0
0
0
C1
1
1
0
0
0
0
0
1
MP8846 Register Address
The MP8846 contains four registers: register 00 to register 03. The four registers complete the following
actions:
• Register 00 sets the output voltage and decides whether the output voltage is controlled by the
FB resistor divider or is set by the I2C.
• Register 01 sets the MP8846 operating features.
• Registers 02 and 03 are read registers only. Register 03 indicates the MP8846 status. The
register map is shown in next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com