Electronic Components Datasheet Search
  English  ▼

X  

MP8846 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8846 Datasheet HTML 1Page - Monolithic Power Systems MP8846 Datasheet HTML 2Page - Monolithic Power Systems MP8846 Datasheet HTML 3Page - Monolithic Power Systems MP8846 Datasheet HTML 4Page - Monolithic Power Systems MP8846 Datasheet HTML 5Page - Monolithic Power Systems MP8846 Datasheet HTML 6Page - Monolithic Power Systems MP8846 Datasheet HTML 7Page - Monolithic Power Systems MP8846 Datasheet HTML 8Page - Monolithic Power Systems MP8846 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP8846
High-Efficiency, 6A, 8V, Synchronous
Step-Down Converter with I2C Interface
MP8846 Rev. 1.0
www.MonolithicPower.com
1
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8846 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with an I2C control interface. It offers a very
compact solution to achieve a 6A continuous
output current with excellent load and line
regulation over a wide input-supply range. The
MP8846 has synchronous-mode operation for
higher efficiency over the output-load range.
The reference voltage level can be controlled
on-the-fly through a 3.4Mbps I2C serial interface.
The voltage range can be adjusted from 0.6V to
1.87V in 10mV steps. The voltage slew rate,
switching frequency, enable, and power-saving
mode are selectable through the I2C interface.
Current-mode operation provides fast transient
response and eases loop stabilization. Full
protection
features
include
over-current
protection
(OCP),
over-voltage
protection
(OVP), and thermal shut down (TSD).
The MP8846 requires a minimal number of
readily
available,
standard,
external
components and is available in a 15-pin QFN15
(3mmx3mm) package.
FEATURES
• Wide 4.5V to 8V Operation Input Range
• 45mΩ/18mΩ Low RDS(ON) Internal Power
MOSFETs
• 1% VOUT Accuracy
• I2C Programmable Reference Range from
0.6V to 1.87V in 10mV Steps with Slew-
Rate Control
• I2C Selectable Switching Frequency. Default
600kHz Switching Frequency.
• Programmable Output Voltage
• Power-Saving Mode, OTP, and OCP via I2C
• Power Good Indication
• 1-Bit I2C Address Set Pin
• OCP in Hiccup Mode
• External Soft-Start
• Available in a QFN3mmx3mm Package
APPLICATIONS
• SoC and Media Processors
• General Consumers
• Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C1
0.22μF
R4
100kΩ
R2
34kΩ
R3
33kΩ
C5
47uF
C2
22uFx2
R1
34kΩ
L1
1uH
C7
22nF
VIN
4.5V-8V
PG
SDA
SCL
VOUT
1.2V/6A
EN
R9
100kΩ
R8
10Ω
C4
0.1uF
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00


Similar Part No. - MP8846

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8846GQ MPS-MP8846GQ Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - MP8846

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8867 MPS-MP8867 Datasheet
967Kb / 27P
High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com