Electronic Components Datasheet Search
  English  ▼

X  

MP8846 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8846 Datasheet HTML 18Page - Monolithic Power Systems MP8846 Datasheet HTML 19Page - Monolithic Power Systems MP8846 Datasheet HTML 20Page - Monolithic Power Systems MP8846 Datasheet HTML 21Page - Monolithic Power Systems MP8846 Datasheet HTML 22Page - Monolithic Power Systems MP8846 Datasheet HTML 23Page - Monolithic Power Systems MP8846 Datasheet HTML 24Page - Monolithic Power Systems MP8846 Datasheet HTML 25Page - Monolithic Power Systems MP8846 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MP8846 – 6A, 8V SYNCHRONOUS STEP-DOWN CONVERTER
MP8846 Rev. 1.0
www.MonolithicPower.com
22
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in the FB Control
Loop
The reference voltage and external resistor
divider can set the output voltage through FB.
Also, the feedback resistors R1 and RT set the
feedback loop bandwidth with the internal
compensation capacitor. Choose the value of
R1 first; R2 is then given by(10):
1
V
V
R1
R2
REF
OUT
−
=
Note:
10) VREF is 0.6V when powering up or EN is on. After the MP8846
is enabled, VREF can be programmed through I
2C. Set V_BOOT=1
to enable the FB control loop.
The
T-type
network
(see
Fig.
9)
is
recommended highly when VOUT is low.
FIGURE 9. T-Type Network
Table 3 lists the recommended T-type resistor
values for common output voltages.
TABLE 3. Resistor Selection for Common Output
Voltages with Default 0.6V VREF
(11)
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
RT
(kΩ)
Cff
(pF)
CFB
(pF)
L
(uH)
0.9
Connect FB to VCC
1
1.2
34(1%)
34(1%)
33(1%)
NS
10
1
3.3
34(1%)
7.5(1%)
15(1%)
NS
33
2.7
Note:
11) The recommended parameters are based on a 5V input
voltage and a 22µFx2 output capacitor. A different input voltage,
output capacitor value, and switching frequency may affect the
selection of R1, R2, RT, Cff, and CFB. For additional component
parameters, please refer to the Typical Applications Circuits
section on page 26.
Setting the Output Voltage in the I2C Control
Loop
In addition to setting the output voltage through
the FB loop, the I2C loop sets the output voltage
through VOUT by setting V_BOOT=0. In this
case, the output voltage is the set reference
voltage. Please refer to Table 2 on page 20 for
additional details concerning the output voltage
setting.
Output Voltage Dynamic Scale
To dynamic scale the output voltage during
normal operation, refer to Fig. 10 and follow
the steps below:
Step1: Write the GO_Bit (reg01[6]) to “1;”
Step2: Write reg00 to select the feedback loop
by setting V_BOOT(reg00[7]). Set the reference
voltage using the output reference (reg00[0:6])
simultaneously. If the reference adjustment is
within 50mV, GO_BIT will NOT auto re-set to
“0.” If this is the case, manually set GO_BIT to
“0.”
Repeat the two steps above to dynamic scale to
another voltage.
FIGURE 10. Output Voltage Dynamic Scale Flow
Chart
Selecting the Inductor
For most applications, use a 1µH to 10µH
inductor with a DC current rating at least 25%
percent higher than the maximum load current.
For highest efficiency, use an inductor with a
DC resistance less than 15mΩ. For most



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com