Electronic Components Datasheet Search
  English  ▼

X  

MP8846 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8846 Datasheet HTML 2Page - Monolithic Power Systems MP8846 Datasheet HTML 3Page - Monolithic Power Systems MP8846 Datasheet HTML 4Page - Monolithic Power Systems MP8846 Datasheet HTML 5Page - Monolithic Power Systems MP8846 Datasheet HTML 6Page - Monolithic Power Systems MP8846 Datasheet HTML 7Page - Monolithic Power Systems MP8846 Datasheet HTML 8Page - Monolithic Power Systems MP8846 Datasheet HTML 9Page - Monolithic Power Systems MP8846 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MP8846 – 6A, 8V SYNCHRONOUS STEP-DOWN CONVERTER
MP8846 Rev. 1.0
www.MonolithicPower.com
6
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
I/O Level Characteristics (continued)
Parameter
Symbol Condition
HS Mode
LS Mode
Units
Min
Max
Min
Max
Rise Time of SDAH Signal
trDA
Capacitive Load from
10pF to 100pF
10
80
-
-
ns
Capacitive Load of
400pF
20
160
20
250
ns
Fall Time of SDAH Signal
tfDA
Capacitive Load from
10pF to 100pF
10
80
-
-
ns
Capacitive Load of
400pF
20
160
20
250
ns
Pulse Width of Spikes that
must be Suppressed by the
Input Filter
tSP
0
10
0
50
ns
Input Current for each I/O
Pin
Ii
Input Voltage between
0.1VBus and 0.9VBus
-
10
-10
+10
μA
Capacitance for each I/O
Pin
Ci
-
10
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com