Electronic Components Datasheet Search
  English  ▼

X  

MP8846 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8846 Datasheet HTML 10Page - Monolithic Power Systems MP8846 Datasheet HTML 11Page - Monolithic Power Systems MP8846 Datasheet HTML 12Page - Monolithic Power Systems MP8846 Datasheet HTML 13Page - Monolithic Power Systems MP8846 Datasheet HTML 14Page - Monolithic Power Systems MP8846 Datasheet HTML 15Page - Monolithic Power Systems MP8846 Datasheet HTML 16Page - Monolithic Power Systems MP8846 Datasheet HTML 17Page - Monolithic Power Systems MP8846 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MP8846 – 6A, 8V SYNCHRONOUS STEP-DOWN CONVERTER
MP8846 Rev. 1.0
www.MonolithicPower.com
14
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP8846 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution that achieves a 6A continuous
output current with excellent load and line
regulation over a wide input-supply range.
The MP8846 has three working modes:
advanced asynchronous modulation (AAM)
mode, discontinuous conduction mode (DCM),
and continuous conduction mode (CCM). When
the MODE bit in the I2C register is set to “1,” the
MP8846 works in CCM mode constantly.
AAM Control Operation
In a light-load condition, the MP8846 works in
AAM mode (see Fig. 2). The VAAM is an
internally fixed voltage when input and output
voltages are fixed. VCOMP is the error amplifier
output, which represents the peak inductor-
current information. When VCOMP is lower than
VAAM, the internal clock is blocked. This causes
the MP8846 to skip pulses, achieving the light-
load power save. Refer to AN032 for additional
details.
The internal clock re-sets every time VCOMP is
higher than VAAM. At the same time, the high-
side MOSFET (HS-FET) turns on and remains
on until VILsense reaches the value set by VCOMP.
FIGURE 2. Simplified AAM Control Logic
DCM Control Operation
The VCOMP voltage ramps up as the output
current increases. When its minimum value
exceeds VAAM, the device enters DCM. In this
mode, the internal clock initiates the PWM cycle,
the HS-FET turns on and remains on until
VILsense reaches the value set by VCOMP (after a
period of dead time), and the low-side MOSFET
(LS-FET) turns on and remains on until the
inductor-current value decreases to zero. The
device repeats the same operation in every
clock cycle to regulate the output voltage (see
Fig. 3).
IL
FIGURE 3. DCM Control Operation
CCM Control Operation
The device enters CCM from DCM once the
inductor current no longer drops to zero in a
clock cycle. In CCM, the internal clock initiates
the PWM cycle, the HS-FET turns on and
remains on until VILsense reaches the value set
by VCOMP (after a period of dead time), and the
LS-FET turns on and remains on until the next
clock cycle starts. The device repeats the same
operation in every clock cycle to regulate the
output voltage.
If VILsense does not reach the value set by VCOMP
within 95% (600kHz switching frequency) of
one PWM period, the HS-FET is forced off.
Internal Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output voltage decreases. A
0.22μF ceramic capacitor is required for
decoupling.
Error Amplifier (EA)
The error amplifier compares the FB voltage
against the internal reference (REF) in the FB
control loop and outputs the COMP voltage
(which controls the power MOSFET current). In
the I2C control loop, FB opens and VOUT is
connected to the EA non-inverted input. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com