Electronic Components Datasheet Search
  English  ▼

X  

MP8846 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8846 Datasheet HTML 16Page - Monolithic Power Systems MP8846 Datasheet HTML 17Page - Monolithic Power Systems MP8846 Datasheet HTML 18Page - Monolithic Power Systems MP8846 Datasheet HTML 19Page - Monolithic Power Systems MP8846 Datasheet HTML 20Page - Monolithic Power Systems MP8846 Datasheet HTML 21Page - Monolithic Power Systems MP8846 Datasheet HTML 22Page - Monolithic Power Systems MP8846 Datasheet HTML 23Page - Monolithic Power Systems MP8846 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP8846 – 6A, 8V SYNCHRONOUS STEP-DOWN CONVERTER
MP8846 Rev. 1.0
www.MonolithicPower.com
20
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
REGISER DESCRIPTION
Register Map
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
R/W
V_BOOT
Output Reference
01
SysCntlreg1
R/W
EN
GO_BIT
Slew Rate
Switching
Frequency
Mode
02
ID1
R
Vendor ID
IC Revision
03
Status
R
Reserved
VID_OK
OC
OTEW
OT
PG
Register Description
1. Reg00 VSEL
NAME
BITS
DEFAULT
DESCRIPTION
V_BOOT
D7
1
FB Control Loop Enable Bit. V_BOOT=”1” means the output voltage is
determined by the resistor divider connected to FB (the FB control loop).
V_BOOT=”0” means the output voltage is controlled by I
2C through VOUT
(the I
2C control loop). This bit is helpful for the default output-voltage setting
before the I
2C signal comes. If the I2C is not used, the part works efficiently
with FB.
Output
Reference
D[6:0]
0000000
Output Reference Setting. Set from 0.6V to 1.87V (see Table 2). The
default value is 0.6V. If FB is connected to VCC, the default value is 0.9V.
TABLE 2. Output Reference Voltage Chart
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
D[6:0]
VOUT
000 0000
0.60
010 0000
0.92
100 0000
1.24
110 0000
1.56
000 0001
0.61
010 0001
0.93
100 0001
1.25
110 0001
1.57
000 0010
0.62
010 0010
0.94
100 0010
1.26
110 0010
1.58
000 0011
0.63
010 0011
0.95
100 0011
1.27
110 0011
1.59
000 0100
0.64
010 0100
0.96
100 0100
1.28
110 0100
1.60
000 0101
0.65
010 0101
0.97
100 0101
1.29
110 0101
1.61
000 0110
0.66
010 0110
0.98
100 0110
1.30
110 0110
1.62
000 0111
0.67
010 0111
0.99
100 0111
1.31
110 0111
1.63
000 1000
0.68
010 1000
1.00
100 1000
1.32
110 1000
1.64
000 1001
0.69
010 1001
1.01
100 1001
1.33
110 1001
1.65
000 1010
0.70
010 1010
1.02
100 1010
1.34
110 1010
1.66
000 1011
0.71
010 1011
1.03
100 1011
1.35
110 1011
1.67
000 1100
0.72
010 1100
1.04
100 1100
1.36
110 1100
1.68
000 1101
0.73
010 1101
1.05
100 1101
1.37
110 1101
1.69
000 1110
0.74
010 1110
1.06
100 1110
1.38
110 1110
1.70
000 1111
0.75
010 1111
1.07
100 1111
1.39
110 1111
1.71
001 0000
0.76
011 0000
1.08
101 0000
1.40
111 0000
1.72
001 0001
0.77
011 0001
1.09
101 0001
1.41
111 0001
1.73
001 0010
0.78
011 0010
1.10
101 0010
1.42
111 0010
1.74
001 0011
0.79
011 0011
1.11
101 0011
1.43
111 0011
1.75
001 0100
0.80
011 0100
1.12
101 0100
1.44
111 0100
1.76
001 0101
0.81
011 0101
1.13
101 0101
1.45
111 0101
1.77
001 0110
0.82
011 0110
1.14
101 0110
1.46
111 0110
1.78
001 0111
0.83
011 0111
1.15
101 0111
1.47
111 0111
1.79
001 1000
0.84
011 1000
1.16
101 1000
1.48
111 1000
1.80
001 1001
0.85
011 1001
1.17
101 1001
1.49
111 1001
1.81
001 1010
0.86
011 1010
1.18
101 1010
1.50
111 1010
1.82
001 1011
0.87
011 1011
1.19
101 1011
1.51
111 1011
1.83
001 1100
0.88
011 1100
1.20
101 1100
1.52
111 1100
1.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com