Electronic Components Datasheet Search
  English  ▼

X  

MP8846 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8846
Description  High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8846 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8846 Datasheet HTML 1Page - Monolithic Power Systems MP8846 Datasheet HTML 2Page - Monolithic Power Systems MP8846 Datasheet HTML 3Page - Monolithic Power Systems MP8846 Datasheet HTML 4Page - Monolithic Power Systems MP8846 Datasheet HTML 5Page - Monolithic Power Systems MP8846 Datasheet HTML 6Page - Monolithic Power Systems MP8846 Datasheet HTML 7Page - Monolithic Power Systems MP8846 Datasheet HTML 8Page - Monolithic Power Systems MP8846 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MP8846 – 6A, 8V SYNCHRONOUS STEP-DOWN CONVERTER
MP8846 Rev. 1.0
www.MonolithicPower.com
4
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to 125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V, TJ=25°C
5
μA
Supply Current (Quiescent)
Iq
VEN = 2V, No Switching,
PFM Mode
500
760
μA
HS Switch-On Resistance
HSRDS-ON VBST-SW=5V
45
mΩ
LS Switch-On Resistance
LSRDS-ON VCC =5V
18
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =5V
1
μA
Current Limit
(7)
ILIMIT
Under 40% Duty Cycle
7.5
9.5
A
Default Oscillator Frequency
fSW
VFB=500mV
480
600
680
kHz
Foldback Frequency
fFB
VFB=250mV
0.5
fSW
Maximum Duty Cycle
DMAX
VFB=500mV
90
95
%
Minimum On Time
(7)
tON MIN
60
ns
Feedback Voltage
VREF
TJ =25°C
594
600
606
mV
VREF
TJ = -40°C to 125°C
588
600
612
mV
VOUT
VOUT=1.2V TJ = 25°C
1188
1200
1212
mV
VOUT=1.2V TJ = -40°C to 125°C
1182
1200
1218
mV
FB Current
IOUT
VFB=620mV
10
50
nA
EN Rising Threshold
VEN Rise
1.2
1.4
1.6
V
EN Hysteresis
VEN HYS
150
mV
EN Input Current
IEN
VEN=2V
2
μA
SYNC Frequency Range
fSYNC
0.3
2
MHz
ADD High Level
VADD H
2
V
ADD Low Level
VADD L
0.4
V
VIN Under-Voltage Lockout
Threshold-Rising
INUVVth
3.8
4
4.25
V
VIN Under-Voltage Lockout
Threshold-Hysteresis
INUVHYS
600
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
ICC=5mA
1.5
%
Power Good Threshold Rising
PGVth-Hi
VREF=600mV
0.9
VOUT
Power Good Threshold Falling
PGVth-Lo
VREF=600mV
0.7
VOUT
Power Good Deglitch Time
(7)
PGTd
80
us
Soft-Start Current
ISS
6
12
18
μA
Thermal Shutdown
(7)
TTSD
160
°C
Thermal Hysteresis
(7)
TTSD HYS
20
°C
DAC Resolution
(7)
DAC
7
Bits
Notes:
7) Guaranteed by design and characterization test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com