Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8864 Datasheet HTML 11Page - Monolithic Power Systems MP8864 Datasheet HTML 12Page - Monolithic Power Systems MP8864 Datasheet HTML 13Page - Monolithic Power Systems MP8864 Datasheet HTML 14Page - Monolithic Power Systems MP8864 Datasheet HTML 15Page - Monolithic Power Systems MP8864 Datasheet HTML 16Page - Monolithic Power Systems MP8864 Datasheet HTML 17Page - Monolithic Power Systems MP8864 Datasheet HTML 18Page - Monolithic Power Systems MP8864 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
15
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EN/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator (including the I2C block) on and off.
Drive EN high to turn on the regulator; drive EN
low to turn off the regulator. An internal 1
MΩ
resistor from EN to GND allows EN/SYNC to be
floated to shut down the chip.
EN is clamped internally using a 6.5 V series-
Zener diode (see Figure 5). Connecting the EN
input through a pull-up resistor to the voltage on
VIN limits the EN input current to less than
100 µA.
Connecting EN directly to a voltage source
without a pull-up resistor requires limiting the
amplitude of the voltage source to
≥6 V to
prevent damage to the Zener diode.
Figure 5
—6.5 V Zener diode connection
The chip can be synchronized to an external
clock range from 300 kHz to 2 MHz through
EN/SYNC as soon as an external clock is
added. Synchronize the internal clock rising
edge to the external clock rising edge. Select
an external clock signal with a pulse width less
than 80% of the internal clock-cycle time.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8864 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4 V while its
falling threshold is 3.4 V.
Soft-Start (SS)
The
MP8864
employs
a
soft-start
(SS)
mechanism to ensure smooth output during
power-up. When EN goes high, an internal
current
source
(12
μA) charges the SS
capacitor. The SS capacitor voltage transfers
over
to
the
REF
voltage
to
the
PWM
comparator. The output voltage ramps up
smoothly with the SS voltage. Once the SS
voltage rises above VREF, it continues to ramp
up until the REF voltage takes over. At this
point, the soft-start is complete, and the device
enters steady-state operation.
The SS capacitor value can be determined
using Equation (1):
 
 
 
 

SS
SS
SS
REF
T
ms
I
A
C
nF
VV
(1)
If
the
output
capacitors
have
a
large
capacitance value, it is NOT recommended to
set a small SS time. Otherwise, it is easy to hit
the current limit during SS.
Pre-Bias Start-Up
The MP8864 is designed for a monotonic start-
up into a pre-biased output voltage. If the output
is pre-biased to a certain voltage during start-up,
the voltage on the soft-start capacitor is
charged. When the soft-s
tart capacitor’s voltage
exceeds the sensed output voltage at FB (10),
the part turns on the high-side and low-side
power switches sequentially. The output voltage
starts to ramp up with the soft-start slew rate.
NOTE:
10) FB voltage in the FB control loop, or VOUT voltage in the I2C
control loop.
Power Good Indicator (PG)
The MP8864 has power good (PG) output used
to indicate whether the output voltage is ready.
PG is an open-drain output. Connect PG to
VCC or another voltage source through a pull-
up resistor (e.g. 100
kΩ). When the input
voltage is applied, PG is pulled down to GND
before
the
internal
SS
is
ready
(VSS>1.15 x VREF). Once SS is ready (VFB(10) is
above 90% of VREF), PG is pulled high (after an
80 µs delay time). During normal operation, PG
is pulled low when the VFB(10) drops below 70%
of VREF (after an 80 µs delay time).
When UVLO or OTP occur, PG is pulled low
immediately. If OC (over current) occurs, PG is
pulled low when VFB(10) drops below 70% of
VREF (after an 80 µs delay time).
PG will NOT respond to an output over-voltage
condition.
The PG bit in the I2C register has the same
indication as the external PG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com