Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8864 Datasheet HTML 18Page - Monolithic Power Systems MP8864 Datasheet HTML 19Page - Monolithic Power Systems MP8864 Datasheet HTML 20Page - Monolithic Power Systems MP8864 Datasheet HTML 21Page - Monolithic Power Systems MP8864 Datasheet HTML 22Page - Monolithic Power Systems MP8864 Datasheet HTML 23Page - Monolithic Power Systems MP8864 Datasheet HTML 24Page - Monolithic Power Systems MP8864 Datasheet HTML 25Page - Monolithic Power Systems MP8864 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
22
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in the FB Control
Loop
The reference voltage and the external resistor
divider set the output voltage through FB. The
feedback resistors R1 and RT set the feedback-
loop bandwidth with the internal compensation
capacitor. Choose the value for R1 first, R2 is
then given by Equation (3) 11:
1
V
V
R1
R2
REF
OUT
(3)
NOTES:
11)
VREF is 0.6 V when powering up or EN is on. After the
MP8864 is enabled, VREF can be programmed through the I
2C.
Set V_BOOT=
”1” to enable the FB control loop.
The
T-type
network
(see
Figure
10)
is
recommended highly when VOUT is low.
Figure 10
—T-type network
Table 3 lists the recommended T-type resistor
values for common output voltages.
Table 3
—Resistor selection for common output
voltages with default 0.6V VREF(12)
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
RT
(kΩ)
Cff
(pF)
CFB
(pF)
L
(uH)
0.9
Connect FB to VCC
1
1
34(1%)
51(1%)
33(1%)
15
10
1
1.2
34(1%)
34(1%)
33(1%)
10
10
1
1.8
34(1%) 16.5(1%) 15(1%)
10
15
1.5
2.5
34(1%) 10.7(1%) 15(1%)
15
22
1.8
3.3
34(1%)
7.5(1%)
15(1%)
15
33
2.7
5
34(1%) 4.64(1%) 7.5(1%)
15
47
2.7
NOTE:
12) The recommended parameters are based on a 12 V input
voltage and a 22µF x 2 output capacitor. Different input voltage
and output capacitor values may affect the selection of R1, R2,
RT, Cff, and CFB. For additional component parameters, please
refer to
the “Typical Application Circuits” section on page 26.
Setting the Output Voltage in the I2C Control
Loop
In addition to setting the output voltage through
the FB loop, the I2C loop can set the output
voltage through VOUT by setting V_Boot=
“0”. In
this case, the output voltage is the set reference
voltage. Please refer to Table 2 on page 20 for
additional details about the output voltage
setting.
Output Voltage Dynamic Scale
To dynamic scale the output voltage during
normal operation, refer to Figure 11 and
following the steps below:
Step 1: Write GO_Bit (reg01[6])
to “1.”
Step 2: Write reg00 to select the feedback loop
by setting V_BOOT(reg00[7]) and set the
reference voltage by the output reference
(reg00[0:6]) simultaneously. If the reference
adjustment is within 50 mV, GO_BIT will not
auto re-
set to “0.” If this is the case, manually
set GO_BIT to “0.” Repeat steps to dynamic
scale to another voltage.
Voltage scaling
start
FB control loop
(FB sense feedback)
I2C control loop
(VOUT direct sense
feedback)
Write reg00(Set
V_BOOT= “1” &
“Vref” code)
Write reg00(Set
V_BOOT= “0” &
“Vref” code)
Loop selection
Write reg01[6]
GO_Bit=“1”
Figure 11
—Output voltage dynamic scale flow
chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com