Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8864 Datasheet HTML 15Page - Monolithic Power Systems MP8864 Datasheet HTML 16Page - Monolithic Power Systems MP8864 Datasheet HTML 17Page - Monolithic Power Systems MP8864 Datasheet HTML 18Page - Monolithic Power Systems MP8864 Datasheet HTML 19Page - Monolithic Power Systems MP8864 Datasheet HTML 20Page - Monolithic Power Systems MP8864 Datasheet HTML 21Page - Monolithic Power Systems MP8864 Datasheet HTML 22Page - Monolithic Power Systems MP8864 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
19
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
the MP8864. The MP8864 performs an update
on the falling edge of the LSB byte.
MP8864 I2C Chip Address
ADD sets the MP8864 address. The default 7-
bit address of the MP8864 is
“68” (hex) or
“1101000” (binary) if ADD is floated or pulled up
to VCC. The other MP8864 address is
“60” (hex)
or
“1100000” (binary) if ADD is pulled to ground.
When the master sends the address as an 8-bit
value, the 7-bit address should be followed by
“0/1”
to
indicate
write/read
operation
(see Table 1).
Table 1
—MP8864 address
ADD
Address (hex)
Address (binary)
A7
A6
A5
A4
A3
A2
A1
A0
(R/W)
Float or connected to
VCC
D0
1
1
0
1
0
0
0
0
D1
1
1
0
1
0
0
0
1
Connected to GND
C0
1
1
0
0
0
0
0
0
C1
1
1
0
0
0
0
0
1
MP8864 Register Address
The MP8864 contains four registers: register 00 to register 03. The four registers complete the following
actions:
 Register 00 sets the output voltage and decides whether the output voltage is controlled by the
FB resistor divider or is set by the I2C.
 Register 01 sets the MP8864 operating features.
 Registers 02 and 03 are read registers only. Register 03 indicates the MP8864 status. The
register map is shown in the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com