Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8864 Datasheet HTML 20Page - Monolithic Power Systems MP8864 Datasheet HTML 21Page - Monolithic Power Systems MP8864 Datasheet HTML 22Page - Monolithic Power Systems MP8864 Datasheet HTML 23Page - Monolithic Power Systems MP8864 Datasheet HTML 24Page - Monolithic Power Systems MP8864 Datasheet HTML 25Page - Monolithic Power Systems MP8864 Datasheet HTML 26Page - Monolithic Power Systems MP8864 Datasheet HTML 27Page - Monolithic Power Systems MP8864 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
24
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Insufficient BST voltage is more likely to occur
at the following conditions:
VIN is low.
The duty cycle is large: D=
IN
OUT
V
V
>65%
If insufficient BST voltage occurs during these
conditions,
the
output
voltage
ripple
may
become
extremely
large
during
light-load
conditions, or there may be bad efficiency
during heavy-load conditions. Add an external
BST diode from VCC to BST (see Figure 12).
Figure 12
—Optional external bootstrap diode to
enhance efficiency
The recommended external BST diode is
1N4148, and the BST capacitor value is 0.1 µF
to 1
μF.
PCB Layout Guidelines (13)
Efficient PCB layout is critical to achieve stable
operation, especially for VCC capacitor and
input capacitor placement. For best results,
refer to Figure 13 and follow the guidelines
below:
1)
Use a large ground plane to connect
directly to GND. Add vias near GND if the
bottom layer is ground plane.
2)
Place the VCC capacitor as close as
possible to VCC and GND. Make the trace
length of VCC to the VCC capacitor anode
to the VCC capacitor cathode chip to GND
as short as possible.
3)
Place the ceramic input capacitor close to
IN and GND. Keep the connection of the
input capacitor and IN as short and wide as
possible.
4)
Route SW and BST away from sensitive
analog areas such as FB. It is NOT
recommended to route a SW and BST
trace under the
chip’s bottom layer.
5)
Place the T-type feedback resistor R3 close
to the chip to ensure the trace (which
connects to FB) is as short as possible.
NOTE:
13)
The recommended layout is based on Figure15 and the
Typical Application circuit on page 26.
Top Layer
Bottom Layer
Figure 13
—Recommended PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com