Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8864 Datasheet HTML 10Page - Monolithic Power Systems MP8864 Datasheet HTML 11Page - Monolithic Power Systems MP8864 Datasheet HTML 12Page - Monolithic Power Systems MP8864 Datasheet HTML 13Page - Monolithic Power Systems MP8864 Datasheet HTML 14Page - Monolithic Power Systems MP8864 Datasheet HTML 15Page - Monolithic Power Systems MP8864 Datasheet HTML 16Page - Monolithic Power Systems MP8864 Datasheet HTML 17Page - Monolithic Power Systems MP8864 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
14
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP8864 is a high-frequency, synchronous,
rectified,
step-down,
switch-mode
converter
with built-in power MOSFETs. It offers a very
compact
solution
that
achieves
a
4
A
continuous output current with excellent load
and line regulation over a wide input supply
range.
The
MP8864
has
three
working
modes:
advanced
asynchronous
modulation
(AAM)
mode, discontinuous conduction mode (DCM),
and continuous conduction mode (CCM). When
the MODE bit
is set to “1” in the I2C register, the
MP8864 always operates in CCM.
AAM Control Operation
In a light-load condition, the MP8864 works in
advanced
asynchronous
modulation
(AAM)
mode (see Figure 3). The VAAM is an internal
fixed
voltage
when
the
input and output
voltages are fixed. VCOMP is the error amplifier
output, which represents the peak inductor-
current information. When VCOMP is lower than
VAAM, the internal clock is blocked. This causes
the MP8864 to skip pulses, achieving the light-
load power save. Refer to AN032 for additional
details.
The internal clock re-sets every time VCOMP is
higher than VAAM. Simultaneously, the high-side
MOSFET (HS-FET) turns on and remains on
until VILsense reaches the value set by VCOMP.
The light-load feature in this device is optimized
for 12 V input applications.
56
4
Rt
R1
R2
R9
Figure 3
—Simplified AAM control logic
DCM Control Operation
The VCOMP voltage ramps up as the output
current increases. Once its minimum value
exceeds VAAM, the device enters DCM. In this
mode, the internal clock initiates the PWM
cycle, and the HS-FET turns on and remains on
until VILsense reaches the value set by VCOMP.
After a period of dead time, the low-side
MOSFET (LS-FET) turns on and remains on
until the inductor current value decreases to
zero. The device repeats the same operation in
every clock cycle to regulate the output voltage
(see Figure 4).
VOUT
HS-FET is on
Zero current detect
IL
VSW
IOUT
A clock cycle
LS-FET is on
HS/LS-FETs are off
Figure 4
—DCM control operation
CCM Control Operation
The device enters CCM from DCM once the
inductor current no longer drops to zero in a
clock cycle. In CCM, the internal clock initiates
the PWM cycle, and the HS-FET turns on and
remains on until VILsense reaches the value set
by VCOMP. After a period of dead time, the LS-
FET turns on and remains on until the next
clock cycle starts. The device repeats the same
operation in every clock cycle to regulate the
output voltage.
If VILsense does not reach the value set by VCOMP
within 95% (600 kHz switching frequency) of
one PWM period, the HS-FET is forced off.
Internal Regulator
A 5 V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 5 V, the output of the
regulator is in full regulation. When VIN is lower
than 5 V, the output voltage decreases. A
0.22
μF ceramic capacitor for decoupling is
required.
Error Amplifier (EA)
The error amplifier compares the FB voltage
against the internal reference (REF) in the FB
control loop and outputs the COMP voltage
—
which controls the power MOSFET current. In a
I2C control loop, FB is opened and VOUT is
connected to the EA non-inverter input. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com