Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8864 Datasheet HTML 12Page - Monolithic Power Systems MP8864 Datasheet HTML 13Page - Monolithic Power Systems MP8864 Datasheet HTML 14Page - Monolithic Power Systems MP8864 Datasheet HTML 15Page - Monolithic Power Systems MP8864 Datasheet HTML 16Page - Monolithic Power Systems MP8864 Datasheet HTML 17Page - Monolithic Power Systems MP8864 Datasheet HTML 18Page - Monolithic Power Systems MP8864 Datasheet HTML 19Page - Monolithic Power Systems MP8864 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
16
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Output Over-Voltage Protection (OVP)
The
MP8864
monitors
a
resistor
divider
(VFB) to detect over voltage. When VFB becomes
higher than 115% of the target voltage, the LS-
FET remains on until the LS current drops to
-2.5 A. This discharges the output and tries to
keep it within normal range. The part exits this
regulation period when VFB(10) drops below
105% of the reference voltage.
Over-Current Protection and Hiccup (OCP)
The MP8864 has cycle-by-cycle over-current
limit control. When the inductor current peak
value exceeds the set current-limit threshold,
the HS-FET turns off and the LS-FET turns on
and remains on until the inductor current falls
below the internal valley current-limit threshold.
The valley current-limit circuit decreases the
operation frequency after the peak current-limit
threshold is triggered. Meanwhile, the output
voltage drops until VFB is below the under-
voltage
(UV)
threshold
(50%
below
the
reference, typically). Once UV is triggered, the
MP8864 enters hiccup mode to re-start the part
periodically. This protection mode is especially
useful when the output is dead-shorted to
ground. The average short-circuit current is
reduced greatly to alleviate thermal issues and
to protect the regulator. The MP8864 exits
hiccup mode once the over-current condition is
removed.
Thermal Shutdown (TSD)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures. If
the die temperature exceeds 160°C, the entire
chip shuts down. When the temperature is less
than its lower threshold (140°C, typically) the
chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. The floating
driver has its own UVLO protection. The
UVLO’s rising threshold is 2.2 V with a
hysteresis of 150 mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C4, L1, and COUT (see Figure 6). If
VBST-VSW exceeds 5 V, U1 regulates M1 to
maintain a 5 V BST voltage across C4. A 10
Ω
resistor placed between SW and the BST
capacitor is recommended to reduce SW spike
voltage.
out
Figure 6
—Internal bootstrap charging circuit
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltage and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. During the
shutdown, the signaling path is blocked first to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled
down. The floating driver is not subject to this
shutdown command.
I2C Control and Default Output Voltage
When the MP8864 is enabled (EN=high and
VIN>UVLO), the chip starts up to an output
voltage that is set by the FB feedback resistors
with a programmed soft-start time; then the I2C
bus can communicate with the master. If the
chip does not receive the I2C communication
signal continuously, it works efficiently through
FB feedback and performs similar to traditional
non-I2C parts.
Once the I2C receives valid output reference
voltage scaling instruction (if V_BOOT=
“1”), the
output voltage is determined by the resistor
dividers R1, R2, and the VREF voltage. The VOUT
value can be calculated using equation (2). The
VREF default value is 0.6 V:
)
R2
R1
(1
V
V
REF
OUT
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com