Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP8864 Datasheet HTML 21Page - Monolithic Power Systems MP8864 Datasheet HTML 22Page - Monolithic Power Systems MP8864 Datasheet HTML 23Page - Monolithic Power Systems MP8864 Datasheet HTML 24Page - Monolithic Power Systems MP8864 Datasheet HTML 25Page - Monolithic Power Systems MP8864 Datasheet HTML 26Page - Monolithic Power Systems MP8864 Datasheet HTML 27Page - Monolithic Power Systems MP8864 Datasheet HTML 28Page - Monolithic Power Systems MP8864 Datasheet HTML 29Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
28
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
MP8864
VIN
1
3
PG
ADD
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN/SYNC
C1
0.22
μF
R4
100k
Ω
R6
NS
C8
22uF
R2
4.64k
Ω
R3
7.5k
Ω
R9
100k
Ω
R5
10
Ω
C5
22uF
C6
22uF
C2
22uF
C3
0.1uF
R7
100k
Ω
R8
10
Ω
C4
0.1uF
C12
NS
R1
34k
Ω
C11
22pF
C9
15pF
L1
2.7uH
C10
47pF
C7
22nF
VIN
PG
SDA
SCL
VOUT
5V/4A
14
4
5
6
7
15
2,8
13
12
11
9
10
Figure 20
—12 V Input-5 V/4 A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com