Electronic Components Datasheet Search
  English  ▼

X  

MP8864 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8864
Description  High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8864 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8864 Datasheet HTML 1Page - Monolithic Power Systems MP8864 Datasheet HTML 2Page - Monolithic Power Systems MP8864 Datasheet HTML 3Page - Monolithic Power Systems MP8864 Datasheet HTML 4Page - Monolithic Power Systems MP8864 Datasheet HTML 5Page - Monolithic Power Systems MP8864 Datasheet HTML 6Page - Monolithic Power Systems MP8864 Datasheet HTML 7Page - Monolithic Power Systems MP8864 Datasheet HTML 8Page - Monolithic Power Systems MP8864 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MP8864
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8864 Rev. 1.02
www.MonolithicPower.com
3
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
FB
SS
VCC
11
12
13
4
5
6
7
PG
SDA
SCL
ADD
14
AGND
VOUT
3
EN/SYNC
15
2
BST
1
SW
10
PGND
9
VIN
8
PGND
QFN-15
(3mm x 3mm)
ABSOLUTE MAXIMUM RATINGS (1)
VIN …………………………….. ......-0.3 V to 22 V
VSW…………………………………-0.3 V(-5 V for
<10 ns) to VIN+0.3 V (27 V for <25 ns)
VBST
……………………………. . VSW+5.5 V
All other pins
………………....... -0.3 V to 5.4 V (2)
Continuous power dissipation (TA = +25°C)
(3)
………………………………………………2.5 W
Junction temperature
…………………….150°C
Lead t
emperature…………………………260°C
Storage temperature
……………-65°C to 150°C
Recommended Operating Conditions
(4)
Supply voltage (VIN)………………4.5V to 21 V
Output voltage (VOUT)……………………………
……………………0.6 V to VIN x DMAX or 5.2 V (5)
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(6)
θJA
θJC
QFN-15 (3mm x
3mm)….. .... …50…12…°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) For additional details on EN
’s absolute max. rating, please
refer to
the “EN/SYNC Control” section on page 15.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) The output voltage cannot exceed the 5.2 V absolute
maximum value at any input condition.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com