Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2846 Datasheet HTML 3Page - Linear Technology LTC2846 Datasheet HTML 4Page - Linear Technology LTC2846 Datasheet HTML 5Page - Linear Technology LTC2846 Datasheet HTML 6Page - Linear Technology LTC2846 Datasheet HTML 7Page - Linear Technology LTC2846 Datasheet HTML 8Page - Linear Technology LTC2846 Datasheet HTML 9Page - Linear Technology LTC2846 Datasheet HTML 10Page - Linear Technology LTC2846 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC2846
sn2846 2846fs
PI FU CTIO S
NC (Pin 1): No Connect.
PGND (Pin 2): Boost Switching Regulator Power Ground.
Tie PGND to SGND.
VIN (Pin 3): Input Supply Pin. Input supply to boost
switching regulator. 3V
≤VIN ≤ 3.6V. Bypass with a 10µF
capacitor to ground.
SHDN (Pin 4): Boost Switching Regulator Shutdown Pin.
Tie to 2.4V or more to enable regulator. Ground to shut
down.
C1– (Pin 5): Capacitor C1 Negative Terminal. Connect a
1
µF capacitor between C1+ and C1–.
C1+ (Pin 6): Capacitor C1 Positive Terminal. Connect a
1
µF capacitor between C1+ and C1–.
VDD (Pin 7): Generated Positive Supply Voltage for
V.28. Connect a 1
µF capacitor to ground.
VCC (Pin 8): Input Supply Pin. Input supply to trans-
ceiver. 4.75V
≤ VCC ≤5.25V. Connect to output of switch-
ing regulator.
D1 (Pin 9): TTL Level Driver 1 Input.
D2 (Pin 10): TTL Level Driver 2 Input.
D3 (Pin 11): TTL Level Driver 3 Input.
R1 (Pin 12): CMOS Level Receiver 1 Output with Pull-Up
to VIN when Three-Stated.
R2 (Pin 13): CMOS Level Receiver 2 Output with Pull-Up
to VIN when Three-Stated.
R3 (Pin 14): CMOS Level Receiver 3 Output with Pull-Up
to VIN when Three-Stated.
M0 (Pin 15): TTL Level Mode Select Input 0 with Pull-Up
to VIN. See Table 1.
M1 (Pin 16): TTL Level Mode Select Input 1 with Pull-Up
to VIN. See Table 1.
VIN (Pin 17): Input Supply Pin. Input supply to transceiver.
3V
≤VIN ≤ 3.6V. Connect to Pin 3.
M2 (Pin 18): TTL Level Mode Select Input 2 with Pull-Up
to VIN. See Table 1.
DCE/DTE (Pin 19): TTL Level Mode Select Input with
Pull-Up to VIN. See Table 1.
R3 B (Pin 20): Receiver 3 Noninverting Input.
R3 A (Pin 21): Receiver 3 Inverting Input.
R2 B (Pin 22): Receiver 2 Noninverting Input.
R2 A (Pin 23): Receiver 2 Inverting Input.
D3/R1 B (Pin 24): Receiver 1 Noninverting Input and
Driver 3 Noninverting Output.
D3/R1 A (Pin 25): Receiver 1 Inverting Input and Driver 3
Inverting Output.
D2 B (Pin 26): Driver 2 Noninverting Output.
D2 A (Pin 27): Driver 2 Inverting Output.
D1 B (Pin 28): Driver 1 Noninverting Output.
D1 A (Pin 29): Driver 1 Inverting Output.
GND (Pin 30): Transceiver Ground.
VEE (Pin 31): Generated Negative Supply Voltage. Connect
a 3.3
µF capacitor to GND.
C2 – (Pin 32): Capacitor C2 Negative Terminal. Connect a
1
µF capacitor between C2+ and C2–.
C2 + (Pin 33): Capacitor C2 Positive Terminal. Connect a
1
µF capacitor between C2+ and C2–.
SGND (Pin 34): Boost Switching Regulator Signal Ground.
Tie PGND to SGND.
FB (Pin 35): Boost Switching Regulator Feedback Pin.
Reference voltage is 1.255V. Connect resistive divider tap
here. Minimize trace area at FB.
SW (Pin 36): Boost Switching Regulator Switch Pin.
Connect inductor/diode here. Minimize trace area at this
pin to reduce EMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com