Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 5 Page - Linear Technology

  LTC2846 Datasheet HTML 1Page - Linear Technology LTC2846 Datasheet HTML 2Page - Linear Technology LTC2846 Datasheet HTML 3Page - Linear Technology LTC2846 Datasheet HTML 4Page - Linear Technology LTC2846 Datasheet HTML 5Page - Linear Technology LTC2846 Datasheet HTML 6Page - Linear Technology LTC2846 Datasheet HTML 7Page - Linear Technology LTC2846 Datasheet HTML 8Page - Linear Technology LTC2846 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC2846
sn2846 2846fs
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, VSHDN = VIN, unless otherwise noted. (Notes 2, 3)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
are negative. All voltages are referenced to device ground unless otherwise
specified.
Note 3: All typicals are given for VCC = 5V, VIN = 3.3V, CVCC = CVIN = 10µF,
CVDD = 1µF, CVEE = 3.3µF and TA = 25°C.
Note 4: The Boost Regulator is specified for VIN = 3V unless otherwise
noted.
Note 5: Current limit guaranteed by design and/or correlation to static test.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V.28 Receiver
VTHL
Input Low Threshold Voltage
(Figure 12)
q
0.8
V
VTLH
Input High Threshold Voltage
(Figure 12)
q
2V
∆VTH
Receiver Input Hysteresis
(Figure 12)
q
0
0.05
0.3
V
RIN
Receiver Input Impedance
– 15V
≤ VA ≤ 15V
q
357
k
Ω
tr, tf
Rise or Fall Time
CL = 50pF (Figures 12, 16)
15
ns
tPLH
Input to Output
CL = 50pF (Figures 12, 16)
q
60
300
ns
tPHL
Input to Output
CL = 50pF (Figures 12, 16)
q
160
300
ns
Boost Switching Regulator (Note 4)
VIN
Operating Voltage
3
3.3
3.6
V
VFB
Feedback Voltage
q
1.230
1.255
1.280
V
IFB
FB Pin Bias Current
VFB = 1.255V
q
120
360
nA
IQ
Quiescent Current
VSHDN = 2.4V, Not Switching
4.2
6
mA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 3V
0.01
1
µA
∆VFB(LR)
Reference Line Regulation
3V
≤ VIN ≤ 3.6V
0.01
0.05
%/V
f
Switching Frequency
q
0.85
1.2
1.6
MHz
DCMAX
Maximum Duty Cycle
q
82
90
%
ILIM
Switch Current Limit
(Note 5)
1
1.2
2
A
VSAT
Switch VCESAT
ISW = 900mA
350
mV
ILEAK
Switch Leakage Current
VSW = 5V
0.01
1
µA
TYPICAL PERFOR A CE CHARACTERISTICS
V.11 Mode ICC vs Data Rate
DATA RATE (kBd)
10
120
130
140
2846 G04
110
100
90
100
1000
150
160
170
10000
TA = 25°C
DATA RATE (kBd)
10
120
125
130
135
140
150
100
1000
2846 G05
10000
145
TA = 25°C
DATA RATE (kBd)
10
30
35
40
45
50
60
20
40
60
80 100
2846 G06
55
TA = 25°C
V.35 Mode ICC vs Data Rate
V.28 Mode ICC vs Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com