Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2846 Datasheet HTML 2Page - Linear Technology LTC2846 Datasheet HTML 3Page - Linear Technology LTC2846 Datasheet HTML 4Page - Linear Technology LTC2846 Datasheet HTML 5Page - Linear Technology LTC2846 Datasheet HTML 6Page - Linear Technology LTC2846 Datasheet HTML 7Page - Linear Technology LTC2846 Datasheet HTML 8Page - Linear Technology LTC2846 Datasheet HTML 9Page - Linear Technology LTC2846 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC2846
sn2846 2846fs
TYPICAL PERFOR A CE CHARACTERISTICS
V.11 Mode ICC vs Temperature
V.35 Mode ICC vs Temperature
V.28 Mode ICC vs Temperature
TEMPERATURE (
°C)
–40
100
105
110
20
60
2846 G07
95
90
–20
0
40
80
100
85
80
TEMPERATURE (
°C)
–40
123.0
123.5
124.5
125.0
125.5
128.0
126.5
0
40
60
2846 G08
124.0
127.0
127.5
126.0
–20
20
80
100
TEMPERATURE (
°C)
–40
37.0
20
3846 G09
35.5
34.5
–20
0
40
34.0
33.5
37.5
36.5
36.0
35.0
60
80
100
Boost Switching Regulator SHDN
Pin Current vs Voltage
SHDN PIN VOLTAGE (V)
0
15
20
25
3
5
2846 G10
10
5
0
12
4
30
35
40
6
TA = 25°C
TA = 100°C
Boost Switching Regulator
Current Limit vs Duty Cycle
DUTY CYCLE (%)
10
0.8
1.0
1.4
40
60
2846 G11
0.6
0.4
20
30
50
70
80
0.2
0
1.2
TA = 25°C
Boost Switching Regulator
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–40
–20
1.05
1.15
1.30
0
40
60
2846 G12
1.10
1.25
1.20
20
80
100
LOAD CURRENT (mA)
0
90
85
80
75
70
65
60
55
50
400
2846 TA01b
100
50
150
250
350
450
200
300
500
VIN = 3.3V
TA = 25°C
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com