Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2846 Datasheet HTML 5Page - Linear Technology LTC2846 Datasheet HTML 6Page - Linear Technology LTC2846 Datasheet HTML 7Page - Linear Technology LTC2846 Datasheet HTML 8Page - Linear Technology LTC2846 Datasheet HTML 9Page - Linear Technology LTC2846 Datasheet HTML 10Page - Linear Technology LTC2846 Datasheet HTML 11Page - Linear Technology LTC2846 Datasheet HTML 12Page - Linear Technology LTC2846 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC2846
sn2846 2846fs
Figure 1. V.11 Driver DC Test Circuit
Figure 2. V.11 Driver AC Test Circuit
Figure 4. V.11, V.35 Receiver AC Test Circuit
Figure 3. Input Impedance Test Circuit
Figure 5. V.35 Driver Open-Circuit Test
Figure 6. V.35 Driver Test Circuit
Figure 7. V.35 Driver Common Mode
Impedance Test Circuit
Figure 8. V.35 Driver AC Test Circuit
Figure 9. V.35 Receiver DC Test Circuit
Figure 10. Receiver Common Mode
Impedance Test Circuit
Figure 11. V.28 Driver Test Circuit
Figure 12. V.28 Receiver Test Circuit
TEST CIRCUITS
2846 F01
VOD
VOC
RL
RL
A
B
D
A
B
D
2846 F02
RL
100
Ω
CL
100pF
CL
100pF
R
2846 F03
VCM = ±7V
B
IB
A
+
–
IA
2(VB – VA)
IB – IA
RIN =
A
B
2846 F04
R
CL
2846 F05
VOD
VOC
RL
50
Ω
VOB
VOA
125
Ω
50
Ω
RL
2846 F06
50
Ω
VOB
VOA
125
Ω
125
Ω
50
Ω
50
Ω
50
Ω
VCM
2846 F07
50
Ω
125
Ω
50
Ω
VCM = ±2V
+
–
2846 F08
50
Ω
50
Ω
125
Ω
125
Ω
50
Ω
50
Ω
2846 F09
VTH
VCM
+
–
+
–
2846 F10
51.5
Ω
125
Ω
51.5
Ω
VCM = ± 2V +
–
A
D
2846 F11
RL
CL
R
A
2846 F12
CL
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com