Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2846 Datasheet HTML 14Page - Linear Technology LTC2846 Datasheet HTML 15Page - Linear Technology LTC2846 Datasheet HTML 16Page - Linear Technology LTC2846 Datasheet HTML 17Page - Linear Technology LTC2846 Datasheet HTML 18Page - Linear Technology LTC2846 Datasheet HTML 19Page - Linear Technology LTC2846 Datasheet HTML 20Page - Linear Technology LTC2846 Datasheet HTML 21Page - Linear Technology LTC2846 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC2846
sn2846 2846fs
+ (VEE • IEE) – ND • PRT
(3)
Since power is drawn from the supplies of the LTC2846
(VCC, VDD and VEE) at less than 100% efficiency, the
LTC2846 dissipates extra power to source PDISS(2845) and
PRT :
PDISS1(2846) = 125% • (VCC • ICC) + 125% • 125%
•(VDD • IDD) + 125% • 143% • (VEE • IEE)
– PDISS(2845) – ND • PRT
= 25% • (VCC • ICC) + 56% • (VDD • IDD)
+ 79% • (VEE • IEE)
(4)
From the LTC2845 Electrical Characteristics Table, for
VCC = 5V, VDD = 8V and VEE = – 5.5V:
ICC at no load
2.7mA
ICC at full load with all drivers high
110mA
IEE at no load
2mA
IEE at full load with both V.10 drivers low
23mA
IDD at no load
0.3mA
IDD at full load
0.3mA
The V.11 drivers are driven between VCC and GND while
the V.10 drivers are driven between VCC and VEE. Assume
that the V.11 driver outputs are high and V.10 driver
outputs low. Current going into each 100
Ω V.11 receiver
termination = (110mA – 2.7mA) – 23mA/3 = 28.1mA.
Current going into each 450
Ω V.10 receiver termination =
23mA – 2mA/2 = 10.5mA. From Equation (2), V.11 PRT =
79mW and V.10 PRT = 49.6mW.
From Equation (3), PDISS(2845) = 5V • (110mA – 23mA) +
(8V • 0.3mA) + 5.5V • 23mA – 3 • 79mW – 2 • 49.6mW =
228mW. Since the LTC2845 runs slow control signals, the
AC power dissipation can be assumed to be equal to the DC
power dissipation.
The extra power dissipated in the LTC2846 due to LTC2845
is given by Equation(4), PDISS1(2846) = 25% • (5V • 87mA)
+ 56% • (8V • 0.3mA) + 79% • (5.5V • 23mA) = 210mW.
So for an X.21 DCE port running at 10MBd, the LTC2846
dissipates approximately 918mW + 210mW = 1128mW
while the LTC2845 dissipates 228mW.
Compliance Testing
The LTC2846/LTC2844 and LTC2846/LTC2845 chipsets
have been tested by TUV Rheinland of North America Inc.
and passed the NET1, NET2 and TBR2 requirements.
Copies of the test reports are available from LTC or TUV
Rheinland of North America Inc.
The title of the reports are Test Report No.:
TBR2/051501/02 and TBR2/050101/02
The address of TUV Rheinland of North America Inc. is:
TUV Rheinland of North America Inc.
1775, Old Highway 8 NW, Suite 107
St. Paul, MN 55112
Tel. (651) 639-0775
Fax (651) 639-0873
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com