Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 3 Page - Linear Technology

  LTC2846 Datasheet HTML 1Page - Linear Technology LTC2846 Datasheet HTML 2Page - Linear Technology LTC2846 Datasheet HTML 3Page - Linear Technology LTC2846 Datasheet HTML 4Page - Linear Technology LTC2846 Datasheet HTML 5Page - Linear Technology LTC2846 Datasheet HTML 6Page - Linear Technology LTC2846 Datasheet HTML 7Page - Linear Technology LTC2846 Datasheet HTML 8Page - Linear Technology LTC2846 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC2846
sn2846 2846fs
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, VSHDN = VIN, unless otherwise noted. (Notes 2, 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V –
Negative Charge Pump Output Voltage
V.28 Mode, No Load
– 9.6
V
V.28 Mode, Full Load
q
– 7.5
– 8.5
V
V.35 Mode
q
– 5.5
– 6.5
V
RS530, RS530-A, X.21 Modes, Full Load
q
– 4.5
– 6.0
V
fOSC
Charge Pump Oscillator Frequency
500
kHz
tr
Charge Pump Rise Time
No-Cable Mode/Power-Off to Normal Operation
2
ms
Logic Inputs and Outputs
VIH
Logic Input High Voltage
D1, D2, D3, M0, M1, M2, DCE/DTE
q
2.0
V
SHDN
2.4
V
VIL
Logic Input Low Voltage
D1, D2, D3, M0, M1, M2, DCE/DTE
q
0.8
V
SHDN
0.5
V
IIN
Logic Input Current
D1, D2, D3
q
±10
µA
M0, M1, M2, DCE/DTE = GND
q
– 30
– 75
– 120
µA
M0, M1, M2, DCE/DTE = VIN
q
±10
µA
SHDN = GND
±0.1
µA
SHDN = 3V
16
32
µA
VOH
Output High Voltage
IO = – 3mA
q
2.7
3
V
VOL
Output Low Voltage
IO = 1.6mA
q
0.2
0.4
V
IOSR
Output Short-Circuit Current
0V
≤ VO ≤ VIN
q
±50
mA
IOZR
Three-State Output Current
M0 = M1 = M2 = VIN, VO = GND
q
–30
–85
–160
µA
M0 = M1 = M2 = VIN, VO = VIN
q
±10
µA
V.11 Driver
VODO
Open Circuit Differential Output Voltage
RL = 1.95k (Figure 1)
q
± 5V
VODL
Loaded Differential Output Voltage
RL = 50Ω (Figure 1)
0.5VODO
0.67VODO
V
RL = 50Ω (Figure 1)
q
±2V
∆VOD
Change in Magnitude of Differential
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
VOC
Common Mode Output Voltage
RL = 50Ω (Figure 1)
q
3V
∆VOC
Change in Magnitude of Common Mode
RL = 50Ω (Figure 1)
q
0.2
V
Output Voltage
ISS
Short-Circuit Current
VOUT = GND
±150
mA
IOZ
Output Leakage Current
VAand VB≤ 0.25V, Power Off or
q
± 1
±100
µA
No-Cable Mode or Driver Disabled
tr, tf
Rise or Fall Time
(Figures 2, 13)
q
215
25
ns
tPLH
Input to Output Rising
(Figures 2, 13)
q
15
40
65
ns
tPHL
Input to Output Falling
(Figures 2, 13)
q
15
40
65
ns
∆t
Input to Output Difference,
tPLH – tPHL(Figures 2, 13)
q
03
12
ns
tSKEW
Output to Output Skew
(Figures 2, 13)
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com