Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 4 Page - Linear Technology

  LTC2846 Datasheet HTML 1Page - Linear Technology LTC2846 Datasheet HTML 2Page - Linear Technology LTC2846 Datasheet HTML 3Page - Linear Technology LTC2846 Datasheet HTML 4Page - Linear Technology LTC2846 Datasheet HTML 5Page - Linear Technology LTC2846 Datasheet HTML 6Page - Linear Technology LTC2846 Datasheet HTML 7Page - Linear Technology LTC2846 Datasheet HTML 8Page - Linear Technology LTC2846 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC2846
sn2846 2846fs
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, VSHDN = VIN, unless otherwise noted. (Notes 2, 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V.11 Receiver
VTH
Input Threshold Voltage
– 7V
≤ VCM ≤ 7V
q
– 0.2
0.2
V
∆VTH
Input Hysteresis
– 7V
≤ VCM ≤ 7V
q
15
40
mV
RIN
Input Impedance
–7V
≤ VCM ≤ 7V (Figure 3)
q
100
103
Ω
tr, tf
Rise or Fall Time
CL = 50pF (Figures 4, 14)
15
ns
tPLH
Input to Output Rising
CL = 50pF (Figures 4, 14)
q
50
90
ns
tPHL
Input to Output Falling
CL = 50pF (Figures 4, 14)
q
50
90
ns
∆t
Input to Output Difference,
tPLH – tPHL
CL = 50pF (Figures 4, 14)
q
04
25
ns
V.35 Driver
VOD
Differential Output Voltage
Open Circuit, RL = 1.95k (Figure 5)
q
±1.2
V
With Load, – 4V
≤ VCM ≤ 4V (Figure 6)
±0.44
±0.55
±0.66
V
VOA, VOB
Single-Ended Output Voltage
Open Circuit, RL = 1.95k (Figure 5)
q
±1.2
V
VOC
Transmitter Output Offset
RL = 50Ω (Figure 5)
q
±0.6
V
IOH
Transmitter Output High Current
VA, VB = 0V
q
–9
– 11
– 13
mA
IOL
Transmitter Output Low Current
VA, VB = 0V
q
911
13
mA
IOZ
Transmitter Output Leakage Current
VAand VB≤ 0.25V
q
±1
±100
µA
ROD
Transmitter Differential Mode Impedance
q
50
100
150
Ω
ROC
Transmitter Common Mode Impedance
– 2V
≤ VCM ≤ 2V (Figure 7)
135
150
165
Ω
tr, tf
Rise or Fall Time
(Figures 8, 13)
5
ns
tPLH
Input to Output
(Figures 8, 13)
q
15
35
65
ns
tPHL
Input to Output
(Figures 8, 13)
q
15
35
65
ns
∆t
Input to Output Difference,
tPLH – tPHL
(Figures 8, 13)
q
016
ns
tSKEW
Output to Output Skew
(Figures 8, 13)
4
ns
V.35 Receiver
VTH
Differential Receiver Input Threshold Voltage
– 2V
≤ VCM ≤ 2V (Figure 9)
q
– 0.2
0.2
V
∆VTH
Receiver Input Hysteresis
– 2V
≤ VCM ≤ 2V (Figure 9)
q
15
40
mV
RID
Receiver Differential Mode Impedance
– 2V
≤ VCM ≤ 2V
q
90
103
110
Ω
RIC
Receiver Common Mode Impedance
– 2V
≤ VCM ≤ 2V (Figure 10)
135
150
165
Ω
tr, tf
Rise or Fall Time
CL = 50pF (Figures 4, 14)
15
ns
tPLH
Input to Output
CL = 50pF (Figures 4, 14)
q
50
90
ns
tPHL
Input to Output
CL = 50pF (Figures 4, 14)
q
50
90
ns
∆t
Input to Output Difference,
tPLH – tPHL
CL = 50pF (Figures 4, 14)
q
04
25
ns
V.28 Driver
VO
Output Voltage
Open Circuit
q
±10
V
RL = 3k (Figure 11)
q
±5
±8.5
V
ISS
Short-Circuit Current
VOUT = GND
q
±150
mA
ROZ
Power-Off Resistance
– 2V < VO < 2V, Power Off
q
300
Ω
or No-Cable Mode
SR
Slew Rate
RL = 7k, CL = 0 (Figures 11, 15)
q
430
V/
µs
tPLH
Input to Output
RL = 3k, CL = 2500pF (Figures 11, 15)
q
1.5
2.5
µs
tPHL
Input to Output
RL = 3k, CL = 2500pF (Figures 11, 15)
q
1.5
2.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com