Electronic Components Datasheet Search
  English  ▼

X  

LTC2846 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2846
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2846 Datasheet HTML 4Page - Linear Technology LTC2846 Datasheet HTML 5Page - Linear Technology LTC2846 Datasheet HTML 6Page - Linear Technology LTC2846 Datasheet HTML 7Page - Linear Technology LTC2846 Datasheet HTML 8Page - Linear Technology LTC2846 Datasheet HTML 9Page - Linear Technology LTC2846 Datasheet HTML 10Page - Linear Technology LTC2846 Datasheet HTML 11Page - Linear Technology LTC2846 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC2846
sn2846 2846fs
BLOCK DIAGRA
C1–
C1+
VDD
VCC
C1–
C1+
VDD
VCC
PGND
VIN
SHDN
C2+
C2–
VEE
GND
C2+
C2–
VEE
GND
CHARGE PUMP
D1
D1A
50
Ω
125
Ω
50
Ω
S1
S2
D1B
D1
D2
D2A
50
Ω
125
Ω
50
Ω
S1
S2
D2B
S3
S2
20k
20k
20k
20k
125
Ω
S2
S3
125
Ω
10k
6k
S1
51.5
Ω
D3/R1 A
D3/R1 B
51.5
Ω
10k
10k
10k
51.5
Ω
R2A
R2B
51.5
Ω
D2
D3
DCE/DTE
R1
D3
R1
R2
R2
6k
20k
20k
MODE
SELECTION
LOGIC
S2
S3
125
Ω
10k
10k
51.5
Ω
R3A
R3B
2846 BD
51.5
Ω
R3
R3
6k
33
5
6
7
8
9
10
11
19
12
13
14
VIN 17
M0 15
M1 16
M2 18
32
31
GND
VIN
SHDN
SW
FB
SGND
SW
FB
GND
BOOST SWITCHING REGULATOR
36
2
3
4
35
34
30
29
28
27
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com